Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ABC847CT-HF Datasheet(PDF) 3 Page - Comchip Technology

Part # ABC847CT-HF
Description  Small Signal Transistor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

ABC847CT-HF Datasheet(HTML) 3 Page - Comchip Technology

  ABC847CT-HF Datasheet HTML 1Page - Comchip Technology ABC847CT-HF Datasheet HTML 2Page - Comchip Technology ABC847CT-HF Datasheet HTML 3Page - Comchip Technology ABC847CT-HF Datasheet HTML 4Page - Comchip Technology ABC847CT-HF Datasheet HTML 5Page - Comchip Technology ABC847CT-HF Datasheet HTML 6Page - Comchip Technology ABC847CT-HF Datasheet HTML 7Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Small Signal Transistor
Comchip Technology CO., LTD.
Rating and Characteristic Curves (ABC84xAT-HF)
Page 3
REV:A
Collector Current, IC (mA)
0.1
Fig.3 - VBE(sat) — IC
1
1000
0
1200
800
600
200
10
100
300
0
0.1
Collector Current , IC (mA)
10
Fig.1 - hFE — IC
1000
250
10
100
1000
0.1
Fig.2 - VCE(sat) — IC
10
1000
1
Collector Current, IC (mA)
Collector Current, IC (mA)
Fig.4 - VBE(on) — IC
1
100
200
150
50
400
1000
100
0.1
1
1000
0
1200
800
600
200
10
400
1000
100
100
AQW-JTR78
VCE=5V
TA=150°C
TA=25°C
TA=-55°C
IC/IB=20
TA=-55°C
TA=150°C
TA=25°C
TA=-55°C
TA=25°C
TA=150°C
IC/IB=10
VCE=5V
TA=-55°C
TA=25°C
TA=150°C



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com