Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ABC847CT-HF Datasheet(PDF) 7 Page - Comchip Technology

Part # ABC847CT-HF
Description  Small Signal Transistor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

ABC847CT-HF Datasheet(HTML) 7 Page - Comchip Technology

  ABC847CT-HF Datasheet HTML 1Page - Comchip Technology ABC847CT-HF Datasheet HTML 2Page - Comchip Technology ABC847CT-HF Datasheet HTML 3Page - Comchip Technology ABC847CT-HF Datasheet HTML 4Page - Comchip Technology ABC847CT-HF Datasheet HTML 5Page - Comchip Technology ABC847CT-HF Datasheet HTML 6Page - Comchip Technology ABC847CT-HF Datasheet HTML 7Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
Small Signal Transistor
Comchip Technology CO., LTD.
Part Number
ABC846AT-HF
Marking Code
1A
Marking Code
ABC847AT-HF
1E
ABC848AT-HF
1J
ABC846BT-HF
1B
ABC847BT-HF
1F
ABC848BT-HF
1K
ABC847CT-HF
1G
ABC848CT-HF
1L
Page 7
REV:A
AQW-JTR78
Standard Packaging
REEL
(pcs)
Reel Size
(inch)
SOT-523
Case Type
3,000
7
REEL PACK
Suggested P.C.B. PAD Layout
SIZE
(inch)
0.014
(mm)
0.356
0.508
1.00
0.020
0.039
SOT-523
0.787
0.031
B
C
D
1.803
0.071
E
A
A
B
C
D
E
XX
xx = Product type marking code



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com