Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ABC847CT-HF Datasheet(PDF) 2 Page - Comchip Technology

Part # ABC847CT-HF
Description  Small Signal Transistor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

ABC847CT-HF Datasheet(HTML) 2 Page - Comchip Technology

  ABC847CT-HF Datasheet HTML 1Page - Comchip Technology ABC847CT-HF Datasheet HTML 2Page - Comchip Technology ABC847CT-HF Datasheet HTML 3Page - Comchip Technology ABC847CT-HF Datasheet HTML 4Page - Comchip Technology ABC847CT-HF Datasheet HTML 5Page - Comchip Technology ABC847CT-HF Datasheet HTML 6Page - Comchip Technology ABC847CT-HF Datasheet HTML 7Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Symbol
Parameter
Conditions
Max
Unit
Collector-base breakdown voltage
Collector-emitter breakdown voltage
Emitter-base breakdown voltage
V(BR)CEO
V(BR)CBO
V(BR)EBO
Min
Collector cut-off current
ICBO
Electrical Characteristics (at TA=25°C unless otherwise noted)
DC current gain
Collector-emitter saturation voltage
Base-emitter saturation voltage
VCE(sat)
VBE(sat)
fT
hFE
Base-emitter voltage
VBE(on)
Typ
ABC846T-HF
ABC847T-HF
ABC848T-HF
ABC846T-HF
ABC847T-HF
ABC848T-HF
ABC846T-HF
ABC847T-HF
ABC848T-HF
ABC846AT-HF, 847AT-HF, 848AT-HF
ABC846BT-HF, 847BT-HF, 848BT-HF
ABC847CT-HF, 848CT-HF
ABC846AT-HF, 847AT-HF, 848AT-HF
ABC846BT-HF, 847BT-HF, 848BT-HF
ABC847CT-HF, 848CT-HF
Transition frequency
IC = 10µA, IE = 0
IC = 10mA, IB = 0
IE = 10µA, IC = 0
VCB = 30V, IE = 0
VCE = 5V, IC = 10µA
VCE = 5V, IC = 2mA
IC = 10mA, IB = 0.5mA
IC = 100mA, IB = 5mA
IC = 10mA, IB = 0.5mA
IC = 100mA, IB = 5mA
VCE = 5V, IC = 2mA
VCE = 5V, IC = 10mA
VCE = 5V, IC = 10mA
f = 100MHz
80
50
30
V
V
V
nA
V
V
MHz
V
65
45
30
6
6
5
15
110
250
480
110
200
420
220
450
800
0.70
0.90
0.58
0.66
0.70
0.77
100
0.25
0.60
Small Signal Transistor
Comchip Technology CO., LTD.
Page 2
REV:A
Collector-emitter cut-off current
IEBO
VEB = 5V, IC = 0
nA
100
Emitter-base cut-off current
ICEO
VCE = 30V, IB = 0
mA
1
0.09
0.20
0.90
1.10
AQW-JTR78
VCB = 30V, IE = 0, TJ = 150°C
µA
5



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com