Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ABC847CT-HF Datasheet(PDF) 1 Page - Comchip Technology

Part # ABC847CT-HF
Description  Small Signal Transistor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

ABC847CT-HF Datasheet(HTML) 1 Page - Comchip Technology

  ABC847CT-HF Datasheet HTML 1Page - Comchip Technology ABC847CT-HF Datasheet HTML 2Page - Comchip Technology ABC847CT-HF Datasheet HTML 3Page - Comchip Technology ABC847CT-HF Datasheet HTML 4Page - Comchip Technology ABC847CT-HF Datasheet HTML 5Page - Comchip Technology ABC847CT-HF Datasheet HTML 6Page - Comchip Technology ABC847CT-HF Datasheet HTML 7Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Small Signal Transistor
RoHS Device
ABC846AT-HF Thru. ABC848CT-HF (NPN)
Comchip Technology CO., LTD.
Circuit Diagram
- 1.BASE
- 2.EMITTER
- 3.COLLECTOR
Halogen Free
Features
- High current gain.
- AEC-Q101 Qualified.
- Excellent hFE linearity.
- Low noise between 30Hz and 15kHz.
Mechanical data
- Case: SOT-523, molded plastic.
- Terminals: Tin-plated, solderability per
MIL-STD-202, method 208.
- Molding compound: UL flammability classification
rating 94V-0.
AQW-JTR78
Page 1
REV:A
Maximum Ratings (at TA=25°C unless otherwise noted)
Collector-base voltage
Collector-emitter voltage
Emitter-base voltage
Units
Symbol
Parameter
Value
VCBO
VCEO
VEBO
RθJL
TSTG
80
50
30
65
45
30
6
5
61
-55 to +150
V
V
V
mA
°C
Collector current-continuous
ABC846T-HF
ABC848T-HF
ABC847T-HF
ABC846T-HF
ABC848T-HF
ABC847T-HF
ABC848T-HF
ABC846T-HF / ABC847T-HF
°C
Storage temperature range
RθJA
°C/W
TJ
-55 to +150
Operation junction temperature
RθJC
°C/W
Thermal resistance junction to case (Note 1)
IC
265
Thermal resistance junction to air
(Note 1)
Power dissipation-collector @TA=25°C
(Note 1)
152
306
°C/W
Thermal resistance junction to lead (Note 1)
PD
mW
100
Note: 1. The data tested by surface mounted on a 15mm x 15mm x 1mm FR4-epoxy P.C.B.
Dimensions in inches and (millimeter)
0.007(0.18)
0.003(0.08)
0.069(1.75)
0.057(1.45)
0.012(0.30)
0.004(0.10)
0.031(0.80)
0.024(0.60)
0.012(0.30)
0.006(0.15)
SOT-523
0.001(0.02)
0.067(1.70)
0.059(1.50)
0.033(0.85)
0.030(0.75)
0.043(1.10)
0.035(0.90)
1
2
3
0.016(0.40)
0.010(0.25)
0.016(0.40)
1
2
3


Similar Part No. - ABC847CT-HF

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
ABC847CW-HF COMCHIP-ABC847CW-HF Datasheet
491Kb / 5P
Small Signal Transistor
REV:A
More results

Similar Description - ABC847CT-HF

ManufacturerPart #DatasheetDescription
logo
Sensitron
SHD444104 SENSITRON-SHD444104 Datasheet
155Kb / 2P
SMALL SIGNAL TRANSISTOR
logo
Isahaya Electronics Cor...
2SC4258 ISAHAYA-2SC4258 Datasheet
316Kb / 6P
SMALL-SIGNAL TRANSISTOR
2SC3581 ISAHAYA-2SC3581 Datasheet
121Kb / 3P
SMALL-SIGNAL TRANSISTOR
2SC5974A ISAHAYA-2SC5974A Datasheet
78Kb / 4P
SMALL-SIGNAL TRANSISTOR
2SC5974B ISAHAYA-2SC5974B Datasheet
78Kb / 4P
SMALL-SIGNAL TRANSISTOR
ISA1989AU1 ISAHAYA-ISA1989AU1 Datasheet
139Kb / 3P
SMALL-SIGNAL TRANSISTOR
ISA1530AC1 ISAHAYA-ISA1530AC1 Datasheet
115Kb / 3P
SMALL-SIGNAL TRANSISTOR
RT1N137P ISAHAYA-RT1N137P Datasheet
146Kb / 3P
SMALL-SIGNAL TRANSISTOR
logo
Guangdong Kexin Industr...
2SC5214 KEXIN-2SC5214 Datasheet
51Kb / 1P
Small Signal Transistor
FMMT5089 KEXIN-FMMT5089 Datasheet
35Kb / 1P
Small Signal Transistor
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com