Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LSM6DSV80XTR Datasheet(PDF) 103 Page - STMicroelectronics

Part # LSM6DSV80XTR
Description  6-axis IMU (inertial measurement unit) with high-g accelerometer, embedded AI, and sensor fusion for wearables and sport trackers
PDF  181 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSV80XTR Datasheet(HTML) 103 Page - STMicroelectronics

Back Button LSM6DSV80XTR Datasheet HTML 99Page - STMicroelectronics LSM6DSV80XTR Datasheet HTML 100Page - STMicroelectronics LSM6DSV80XTR Datasheet HTML 101Page - STMicroelectronics LSM6DSV80XTR Datasheet HTML 102Page - STMicroelectronics LSM6DSV80XTR Datasheet HTML 103Page - STMicroelectronics LSM6DSV80XTR Datasheet HTML 104Page - STMicroelectronics LSM6DSV80XTR Datasheet HTML 105Page - STMicroelectronics LSM6DSV80XTR Datasheet HTML 106Page - STMicroelectronics LSM6DSV80XTR Datasheet HTML 107Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 181 page
background image
11.3
EMB_FUNC_EN_B (05h)
Enable embedded functions register (R/W)
Table 205. EMB_FUNC_EN_B register
0(1)
0(1)
0(1)
MLC_EN
FIFO_
COMPR_EN
0(1)
0(1)
FSM_EN
1. This bit must be set to 0 for the correct operation of the device.
Table 206. EMB_FUNC_EN_B register description
MLC_EN(1)
Enables machine learning core function. When the machine learning core is enabled by setting this bit
to 1, the MLC algorithms are executed after executing the FSM programs. Default value: 0
(0: machine learning core function disabled;
1: machine learning core function enabled and executed after FSM programs)
FIFO_COMPR_EN(2)
Enables FIFO compression function. Default value: 0
(0: FIFO compression function disabled;
1: FIFO compression function enabled)
FSM_EN
Enables finite state machine (FSM) function. Default value: 0
(0: FSM function disabled; 1: FSM function enabled)
1. MLC_BEFORE_FSM_EN bit in the EMB_FUNC_EN_A (04h) register must be set to 0 when using this bit.
2. This bit is activated if the FIFO_COMPR_RT_EN bit of FIFO_CTRL2 (08h) is set to 1.
11.4
EMB_FUNC_EXEC_STATUS (07h)
Embedded functions execution status register (R)
Table 207. EMB_FUNC_EXEC_STATUS register
0
0
0
0
0
0
EMB_FUNC_
EXEC_OVR
EMB_FUNC
_ENDOP
Table 208. EMB_FUNC_EXEC_STATUS register description
EMB_FUNC_EXEC_OVR
This bit is set to 1 when the execution of the embedded functions program exceeds maximum time
(new data are generated before the end of the algorithms). Default value: 0
EMB_FUNC_ENDOP
When this bit is set to 1, no embedded function is running. Default value: 0
LSM6DSV80X
Embedded functions register description
DS14764 - Rev 1
page 103/181



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com