Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LSM6DSV80XTR Datasheet(PDF) 106 Page - STMicroelectronics

Part # LSM6DSV80XTR
Description  6-axis IMU (inertial measurement unit) with high-g accelerometer, embedded AI, and sensor fusion for wearables and sport trackers
PDF  181 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSV80XTR Datasheet(HTML) 106 Page - STMicroelectronics

Back Button LSM6DSV80XTR Datasheet HTML 102Page - STMicroelectronics LSM6DSV80XTR Datasheet HTML 103Page - STMicroelectronics LSM6DSV80XTR Datasheet HTML 104Page - STMicroelectronics LSM6DSV80XTR Datasheet HTML 105Page - STMicroelectronics LSM6DSV80XTR Datasheet HTML 106Page - STMicroelectronics LSM6DSV80XTR Datasheet HTML 107Page - STMicroelectronics LSM6DSV80XTR Datasheet HTML 108Page - STMicroelectronics LSM6DSV80XTR Datasheet HTML 109Page - STMicroelectronics LSM6DSV80XTR Datasheet HTML 110Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 181 page
background image
11.9
MLC_INT1 (0Dh)
INT1 pin control register (R/W)
Each bit in this register enables a signal to be carried over INT1. The pin's output supplies the OR combination of
the selected signals.
Table 217. MLC_INT1 register
INT1_MLC8
INT1_MLC7
INT1_MLC6
INT1_MLC5
INT1_MLC4
INT1_MLC3
INT1_MLC2
INT1_MLC1
Table 218. MLC_INT1 register description
INT1_MLC8
Routing MLC8 interrupt event to INT1. Default value: 0
(0: routing to INT1 disabled; 1: routing to INT1 enabled)
INT1_MLC7
Routing MLC7 interrupt event to INT1. Default value: 0
(0: routing to INT1 disabled; 1: routing to INT1 enabled)
INT1_MLC6
Routing MLC6 interrupt event to INT1. Default value: 0
(0: routing to INT1 disabled; 1: routing to INT1 enabled)
INT1_MLC5
Routing MLC5 interrupt event to INT1. Default value: 0
(0: routing to INT1 disabled; 1: routing to INT1 enabled)
INT1_MLC4
Routing MLC4 interrupt event to INT1. Default value: 0
(0: routing to INT1 disabled; 1: routing to INT1 enabled)
INT1_MLC3
Routing MLC3 interrupt event to INT1. Default value: 0
(0: routing to INT1 disabled; 1: routing to INT1 enabled)
INT1_MLC2
Routing MLC2 interrupt event to INT1. Default value: 0
(0: routing to INT1 disabled; 1: routing to INT1 enabled)
INT1_MLC1
Routing MLC1 interrupt event to INT1. Default value: 0
(0: routing to INT1 disabled; 1: routing to INT1 enabled)
11.10
EMB_FUNC_INT2 (0Eh)
INT2 pin control register (R/W)
Each bit in this register enables a signal to be carried over INT2. The pin's output supplies the OR combination of
the selected signals.
Table 219. EMB_FUNC_INT2 register
INT2_
FSM_LC
0(1)
INT2_
SIG_MOT
INT2_TILT
INT2_STEP
_DETECTOR
0(1)
0(1)
0(1)
1. This bit must be set to 0 for the correct operation of the device.
Table 220. EMB_FUNC_INT2 register description
INT2_FSM_LC(1)
Routing FSM long counter timeout interrupt event to INT2. Default value: 0
(0: routing to INT2 disabled; 1: routing to INT2 enabled)
INT2_SIG_MOT(1)
Routing significant motion event to INT2. Default value: 0
(0: routing to INT2 disabled; 1: routing to INT2 enabled)
INT2_TILT(1)
Routing tilt event to INT2. Default value: 0
(0: routing to INT2 disabled; 1: routing to INT2 enabled)
INT2_STEP_DETECTOR(1)
Routing pedometer step recognition event to INT2. Default value: 0
(0: routing to INT2 disabled; 1: routing to INT2 enabled)
1. This bit is activated if the INT2_EMB_FUNC bit of MD2_CFG (5Fh) is set to 1.
LSM6DSV80X
Embedded functions register description
DS14764 - Rev 1
page 106/181



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com