Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LSM6DSV80XTR Datasheet(PDF) 104 Page - STMicroelectronics

Part # LSM6DSV80XTR
Description  6-axis IMU (inertial measurement unit) with high-g accelerometer, embedded AI, and sensor fusion for wearables and sport trackers
PDF  181 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSV80XTR Datasheet(HTML) 104 Page - STMicroelectronics

Back Button LSM6DSV80XTR Datasheet HTML 100Page - STMicroelectronics LSM6DSV80XTR Datasheet HTML 101Page - STMicroelectronics LSM6DSV80XTR Datasheet HTML 102Page - STMicroelectronics LSM6DSV80XTR Datasheet HTML 103Page - STMicroelectronics LSM6DSV80XTR Datasheet HTML 104Page - STMicroelectronics LSM6DSV80XTR Datasheet HTML 105Page - STMicroelectronics LSM6DSV80XTR Datasheet HTML 106Page - STMicroelectronics LSM6DSV80XTR Datasheet HTML 107Page - STMicroelectronics LSM6DSV80XTR Datasheet HTML 108Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 181 page
background image
11.5
PAGE_ADDRESS (08h)
Page address register (R/W)
Table 209. PAGE_ADDRESS register
PAGE_
ADDR7
PAGE_
ADDR6
PAGE_
ADDR5
PAGE_
ADDR4
PAGE_
ADDR3
PAGE_
ADDR2
PAGE_
ADDR1
PAGE_
ADDR0
Table 210. PAGE_ADDRESS register description
PAGE_ADDR[7:0]
After setting the bit PAGE_WRITE / PAGE_READ in register PAGE_RW (17h), this register is used to set
the address of the register to be written/read in the advanced features page selected through the bits
PAGE_SEL[3:0] in register PAGE_SEL (02h).
11.6
PAGE_VALUE (09h)
Page value register (R/W)
Table 211. PAGE_VALUE register
PAGE_
VALUE7
PAGE_
VALUE6
PAGE_
VALUE5
PAGE_
VALUE4
PAGE_
VALUE3
PAGE_
VALUE2
PAGE_
VALUE1
PAGE_
VALUE0
Table 212. PAGE_VALUE register description
PAGE_VALUE[7:0]
These bits are used to write (if the bit PAGE_WRITE = 1 in register PAGE_RW (17h)) or read (if the bit
PAGE_READ = 1 in register PAGE_RW (17h)) the data at the address PAGE_ADDR[7:0] of the selected
advanced features page.
11.7
EMB_FUNC_INT1 (0Ah)
INT1 pin control register (R/W)
Each bit in this register enables a signal to be carried over INT1. The pin's output supplies the OR combination of
the selected signals.
Table 213. EMB_FUNC_INT1 register
INT1_
FSM_LC
0(1)
INT1_
SIG_MOT
INT1_TILT
INT1_STEP
_DETECTOR
0(1)
0(1)
0(1)
1. This bit must be set to 0 for the correct operation of the device.
Table 214. EMB_FUNC_INT1 register description
INT1_FSM_LC(1)
Routing FSM long counter timeout interrupt event to INT1. Default value: 0 (0: routing to INT1
disabled; 1: routing to INT1 enabled)
INT1_SIG_MOT(1)
Routing significant motion event to INT1. Default value: 0
(0: routing to INT1 disabled; 1: routing to INT1 enabled)
INT1_TILT(1)
Routing tilt event to INT1. Default value: 0
(0: routing to INT1 disabled; 1: routing to INT1 enabled)
INT1_STEP_DETECTOR(1)
Routing pedometer step recognition event to INT1. Default value: 0
(0: routing to INT1 disabled; 1: routing to INT1 enabled)
1. This bit is activated if the INT1_EMB_FUNC bit of MD1_CFG (5Eh) is set to 1.
LSM6DSV80X
Embedded functions register description
DS14764 - Rev 1
page 104/181



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com