Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAS9090BS Datasheet(PDF) 28 Page - Micronas

Part # MAS9090BS
Description  LOW VOLTAGE 14-BIT LINEAR CODEC
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

MAS9090BS Datasheet(HTML) 28 Page - Micronas

Back Button MAS9090BS Datasheet HTML 22Page - Micronas MAS9090BS Datasheet HTML 23Page - Micronas MAS9090BS Datasheet HTML 24Page - Micronas MAS9090BS Datasheet HTML 25Page - Micronas MAS9090BS Datasheet HTML 26Page - Micronas MAS9090BS Datasheet HTML 27Page - Micronas MAS9090BS Datasheet HTML 28Page - Micronas MAS9090BS Datasheet HTML 29Page - Micronas MAS9090BS Datasheet HTML 30Page - Micronas  
Zoom Inzoom in Zoom Outzoom out
 28 / 30 page
background image
DA9090B.001
January 14, 1998
28
PACKAGE OUTLINES AND RECOMMENDED LAND PATTERNS
PLANE
SEATING
18.10
17.70
PIN1
1.27
TYP.
0.33
0.51
0.40
1.27
28 LEADSOOUTLINE(300 MIL BODY)
ALL MEASUREMENTSINmm
0.75 x 45
0 - 8 TYP.
0.25
0.23
0.32
0.69
1.27
PCB LAYOUT
10.00 TYPICAL
12.00 TYPICAL
0°-7°
0.80 TYPICAL
44 LEADTQFPOUTLINE
ALL MEASUREMENTSINmm
0.75
0.45
0.45
0.30
SEATINGPLANE
0.55
0.80
PCB LAYOUT
14.47
10.53



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com