Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAS9090BS Datasheet(PDF) 3 Page - Micronas

Part # MAS9090BS
Description  LOW VOLTAGE 14-BIT LINEAR CODEC
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

MAS9090BS Datasheet(HTML) 3 Page - Micronas

  MAS9090BS Datasheet HTML 1Page - Micronas MAS9090BS Datasheet HTML 2Page - Micronas MAS9090BS Datasheet HTML 3Page - Micronas MAS9090BS Datasheet HTML 4Page - Micronas MAS9090BS Datasheet HTML 5Page - Micronas MAS9090BS Datasheet HTML 6Page - Micronas MAS9090BS Datasheet HTML 7Page - Micronas MAS9090BS Datasheet HTML 8Page - Micronas MAS9090BS Datasheet HTML 9Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
DA9090B.001
January 14, 1998
3
PIN DESCRIPTION
Pin Name
Pin Number
Type
Function
MCLK
20
25
DI
Master clock input. Must be 512, 1536, 2048 or 2560 kHz
LO
21
26
DO
Value of bit DO of CR1.
MIC2-
22
30
AI
Negative differential input for MIC2.
MIC2+
23
31
AI
Positive differential input for MIC2.
MIC1-
24
33
AI
Negative differential input for MIC1.
MIC1+
25
34
AI
Positive differential input for MIC1.
GNDA
26
36
G
GNDA analog ground.
MIC3-
27
37
AI
Negative differential input for MIC3.
MIC3+
28
38
AI
Positive differential input for MIC3.
ABSOLUTE MAXIMUM RATINGS
Parameter
Symbol
Conditions
Min
Max
Unit
Supply Voltage
VCC
7.0
V
Voltage at MIC
VCC < 5.5V
-1
VCC+1
V
Current at any digital output
50
mA
Voltage at any digital input
VCC < 5.5V
-1
VCC+1
V
Storage Temperature
TS
-55
+125
°
C
RECOMMENDED OPERATION CONDITIONS
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Supply Voltage
VCC
3.0V mode (SV=0)
2.7
3.0
3.6
V
5.0V mode (SV=1)
4.5
5.0
5.5
v
Operating Temperature
TA
-30
+85
°
C
AC, TESTING INPUT, OUTPUT WAVEFORM
IN P U T /OUT P U T
0.8 V cc
0.2 V c c
0.7 V cc
0.3 V cc
test po ints
AC testing: inputs are driven at 0.8Vcc
for a logic ’1’ and 0.2Vcc for a logic ’0’.
Timing measurements are made at
0.7Vcc for a ’1’ and 0.3 Vcc for a ’0’.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com