Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAS9090BS Datasheet(PDF) 25 Page - Micronas

Part # MAS9090BS
Description  LOW VOLTAGE 14-BIT LINEAR CODEC
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

MAS9090BS Datasheet(HTML) 25 Page - Micronas

Back Button MAS9090BS Datasheet HTML 21Page - Micronas MAS9090BS Datasheet HTML 22Page - Micronas MAS9090BS Datasheet HTML 23Page - Micronas MAS9090BS Datasheet HTML 24Page - Micronas MAS9090BS Datasheet HTML 25Page - Micronas MAS9090BS Datasheet HTML 26Page - Micronas MAS9090BS Datasheet HTML 27Page - Micronas MAS9090BS Datasheet HTML 28Page - Micronas MAS9090BS Datasheet HTML 29Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 30 page
background image
DA9090B.001
January 14, 1998
25
REGISTER DESCRIPTION
Control Register CR4
Transmit Input Selection
Bits VS (7) and TE (6) select active input (MIC1,
MIC2 or MIC3). Default is that all inputs are muted.
Transmit (TX) gain can be adjusted from 0 to 22.5
dB in 1.5 dB steps with register CR5 bits (7:4).
Sidetone Selection
Transmit signal after bandpass filter can be fed
back to the receive amplifiers when bit SI (5) is set
high.
Output Driver Selection
Bits OE1 (4) and OE2 (3) select the active output of
the RX gain to be SP1 or SP2. Both outputs can be
muted.
Ring/Tone Signal Selection
Bit RTE (2) connects the on-chip Ring/Tone
generator to the RX gain input.
Receive High Pass Filter Selection
Bit HPR (1) provides possibility to bypass high pass
section of the receive bandpass filter.
PCM receive data selection
Bit SE (0) enables the connection of the received
signal to the RX gain input.
Control Register CR5
Transmit Gain Selection
TX gain can be programmed from 0 to 22.5 dB in
1.5 dB steps with bits (7:4).
Sidetone Attenuation Selection
Transmit signal picked after digital bandpass filters
can be fed back to RX gain. Attenuation of the
sidetone signal can be programmed from –12.5 dB
to –27.5 dB in 1 dB steps with bits (7:4). Attenuation
is relative to the input signal level of bandpass filter.
Control Register CR6
Speaker 1 and 2 Gain Selection
The attenuation of both speaker gains can be
programmed separately from 0 to –30 dB in 2 dB
steps with bits (7:4) and (3:0).
0 dBm0 voltage at the output of the RX gain on pins
SP1/2+ and SP1/2- is 1.965 Vrms when 0 dB gain is
selected.
When –30 dB gain is selected the
0 dBm0 level is 61.85 mVrms.
Control Register CR7
Tone/Ring Gain Selection
Output of Tone/Ring generator can be attenuated
from 0 to –27 dB in 3 dB steps with bits (7:4).
Frequency Mode Selection
Bits f1 (3) and f2 (2) permit selection of f1 and/or f2
frequency generators. When f1 (f2) is selected the
output of the tone generator is signal at the
frequency programmed by the register CR8 (CR9).
If both f1 and f2 are selected the output is a sum of
both signals. In case of squarewave the f1 is
amplitude modulated by f2. In order to meet DTMF
specifications the level of f2 is attenuated by 2 dB
relative to f1.
Waveform Selection
Bit SN (1) selects the output waveform of the tone
generator to be square (SN=0) or sinewave (SN=1).
DTMF Selection
Bit DE (0) permits the connection of the tone
generator to the transmit path. Speaker output can
also be provided by using sidetone circuit (bit SI of
CR4) or directly connecting the tone generator to
RX gain with bit RTE of CR4.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com