Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAS9090BS Datasheet(PDF) 4 Page - Micronas

Part # MAS9090BS
Description  LOW VOLTAGE 14-BIT LINEAR CODEC
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

MAS9090BS Datasheet(HTML) 4 Page - Micronas

  MAS9090BS Datasheet HTML 1Page - Micronas MAS9090BS Datasheet HTML 2Page - Micronas MAS9090BS Datasheet HTML 3Page - Micronas MAS9090BS Datasheet HTML 4Page - Micronas MAS9090BS Datasheet HTML 5Page - Micronas MAS9090BS Datasheet HTML 6Page - Micronas MAS9090BS Datasheet HTML 7Page - Micronas MAS9090BS Datasheet HTML 8Page - Micronas MAS9090BS Datasheet HTML 9Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
DA9090B.001
January 14, 1998
4
ELECTRICAL CHARACTERISTICS
x Digital Inputs/Outputs
(VCC = 2.7-3.6V or 4.5-5.5V, TA = -30°C to +85°C, unless otherwise specified)
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Input low voltage
VIL
All digital inputs DC
All digital inputs AC
0.3VCC
0.2VCC
V
Input high voltage
VIH
All digital inputs DC
All digital inputs AC
0.7VCC
0.8VCC
V
Output low voltage
VOL
All digital outputs, IL = 10
µA
All digital outputs, IL = 2mA
0.1
0.4
V
Output high voltage
VOH
All digital outputs, IL = 10
µA
All digital outputs, IL = 2mA
VCC-0.1
VCC-0.4
V
Input low current
IIL
Any digital input,
GND < VIN < VIL
-10
10
µA
Input high current
IIH
Any digital input,
VIH < VIN < VCC
-10
10
µA
Output
current
in
high
impedance
IOZ
TX and CO
-10
10
µA
x Analog Inputs/Outputs
(VCC = 2.7-3.6V or 4.5-5.5V, TA = -30°C to +85°C, unless otherwise specified)
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Input leakage
IMIC
GND < VMIC < VCC (active mic)
-100
±20
+100
µA
Input resistance
RMIC
GND < VMIC < VCC
50
k
Ω
Load resistance
RLSP1
SP1+ to SP1-
30
Ω
Load capacitance
CLSP1
SP1+ to SP1-
50
nF
Output resistance
ROSP1
Steady zero PCM code applied
to RX, I = 1mA
1.0
Ω
Differential offset
voltage from SP1+ to SP1-
VOSP1
Alternating
zero
PCM
code
applied to RX, RL = 30 ohms
-100
0
+100
mV
Load resistance
RLSP2
SP2+ to SP2-
30
Ω
Load capacitance
CLSP2
SP2+ to SP2-
50
nF
Input resistance
RMIC
GND < VMIC < VCC
50
k
Ω
Output resistance
ROSP2
Steady zero PCM code applied
to RX, I = 1mA
1.0
Ω
Differential offset
voltage from SP2+ to SP2-
VOSP2
Alternating
zero
PCM
code
applied to RX, RL = 30 ohms
-100
0
+100
mV
x Power Dissipation
(VCC = 2.7-3.6V or 4.5-5.5V, TA = -30°C to +85°C, unless otherwise specified)
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Power down current at 3.0V
ICC0
CCLK, CI = 0.1V
CS = VCC - 0.1V
0.08
10
µA
Power down current at 5V
ICC0
CCLK, CI = 0.1V
CS = VCC - 0.1V
0.08
10
µA
Power up current at 2.7V
ICC1
SP1 and SP2 not loaded
4
6
mA
Power up current at 3.0V
ICC1
SP1 and SP2 not loaded
5
8
mA
Power up current at 3.6V
ICC1
SP1 and SP2 not loaded
7.5
12
mA
Power up current at 5V
ICC1
SP1 and SP2 not loaded
7.5
20
mA
SP1 short circuit current
ISHORT
130
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com