Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRFU6215PBF.. Datasheet(PDF) 3 Page - International Rectifier

Part # IRFU6215PBF..
Description  HEXFET® Power MOSFET
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFU6215PBF.. Datasheet(HTML) 3 Page - International Rectifier

  IRFU6215PBF.. Datasheet HTML 1Page - International Rectifier IRFU6215PBF.. Datasheet HTML 2Page - International Rectifier IRFU6215PBF.. Datasheet HTML 3Page - International Rectifier IRFU6215PBF.. Datasheet HTML 4Page - International Rectifier IRFU6215PBF.. Datasheet HTML 5Page - International Rectifier IRFU6215PBF.. Datasheet HTML 6Page - International Rectifier IRFU6215PBF.. Datasheet HTML 7Page - International Rectifier IRFU6215PBF.. Datasheet HTML 8Page - International Rectifier IRFU6215PBF.. Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
IRFR/U6215
www.irf.com
3
Fig 3. Typical Transfer Characteristics
Fig 4. Normalized On-Resistance
Vs. Temperature
Fig 1. Typical Output Characteristics
Fig 2. Typical Output Characteristics
1
10
100
1
1 0
100
DS
20µs PU LSE W ID T H
T = 25 °C
c
A
-V
, D rain-to-S ource V oltage (V )
VGS
TOP
- 15V
- 10V
- 8.0V
- 7.0V
- 6.0V
- 5.5V
- 5.0V
BOTTOM - 4.5V
-4 .5 V
1
10
100
1
1 0
100
DS
A
-V
, D rain-to-S ource V oltage (V )
VGS
TOP
- 15V
- 10V
- 8.0V
- 7.0V
- 6.0V
- 5.5V
- 5.0V
BOTTOM - 4.5V
-4 .5V
20µ s P U LS E W ID T H
T
= 175°C
C
1
10
100
4
567
89
1 0
T = 25°C
J
GS
A
-V
, G a te -to -S o u rc e V o lta g e (V )
T = 1 75°C
J
V
= -5 0 V
20µs PU LSE W ID T H
DS
0.0
0.5
1.0
1.5
2.0
2.5
- 6 0
- 4 0
- 2 0
0
2 0
4 0
6 0
8 0
100 120 140 160 180
J
T
, Junction T em perature (°C )
A
V
= -1 0V
GS
I
= -11 A
D



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com