Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRFU6215PBF.. Datasheet(PDF) 9 Page - International Rectifier

Part # IRFU6215PBF..
Description  HEXFET® Power MOSFET
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFU6215PBF.. Datasheet(HTML) 9 Page - International Rectifier

Back Button IRFU6215PBF.. Datasheet HTML 3Page - International Rectifier IRFU6215PBF.. Datasheet HTML 4Page - International Rectifier IRFU6215PBF.. Datasheet HTML 5Page - International Rectifier IRFU6215PBF.. Datasheet HTML 6Page - International Rectifier IRFU6215PBF.. Datasheet HTML 7Page - International Rectifier IRFU6215PBF.. Datasheet HTML 8Page - International Rectifier IRFU6215PBF.. Datasheet HTML 9Page - International Rectifier IRFU6215PBF.. Datasheet HTML 10Page - International Rectifier IRFU6215PBF.. Datasheet HTML 11Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
IRFR/U6215
www.irf.com
9
Package Outline
TO-251AA Outline
Dimensions are shown in millimeters (inches)
TO-251AA (I-PARK)
Part Marking Information
6.7 3 (.265 )
6.3 5 (.250 )
- A -
6 .22 (.24 5)
5 .97 (.23 5)
- B -
3X
0.8 9 (.035 )
0.6 4 (.025 )
0 .2 5 (.0 1 0 )
M
A M B
2 .28 (.09 0)
1 .14 (.0 45)
0 .76 (.0 30)
5.46 (.2 1 5 )
5.21 (.2 0 5 )
1.2 7 (.050 )
0.8 8 (.035 )
2.38 (.0 9 4 )
2.19 (.0 8 6 )
1.14 (.0 4 5 )
0.89 (.0 3 5 )
0.58 (.0 2 3 )
0.46 (.0 1 8 )
L E A D AS SIG N M E N T S
1 - G A T E
2 - D R A IN
3 - S O URCE
4 - D R A IN
NO T E S :
1 DIM E NSIO NING & T O L E R A NCING P E R ANS I Y1 4 .5 M , 1 9 8 2 .
2 CO NT R O L L IN G DIM E NS IO N : INCH.
3 C O N F O R M S T O J E D E C O U T L IN E T O -2 5 2 A A .
4 DIM E NSIO NS SH O W N ARE BE F O R E S O L D E R DIP ,
S O L D E R D IP M A X . + 0 .1 6 (.0 0 6 ).
9 .65 (.38 0)
8 .89 (.35 0)
2X
3X
2.2 8 (.09 0)
1.9 1 (.07 5)
1 .52 (.06 0)
1 .15 (.04 5)
4
1
2
3
6 .45 (.2 45)
5 .68 (.2 24)
0.58 (.0 2 3 )
0.46 (.0 1 8 )
IN TE R N A T IO N A L
R E C TIF IE R
LO G O
A S S E M B L Y
L O T
C O D E
F IRS T P O RTIO N
O F PAR T N U M BE R
SEC O N D PO R TIO N
O F PAR T N U M BER
12 0
9 U
1 P
E X A M P L E :
TH IS IS A N IR F U 1 2 0
W IT H A S S E M B L Y
L O T C O D E 9 U 1 P
IR F U



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com