Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRFU6215PBF.. Datasheet(PDF) 6 Page - International Rectifier

Part # IRFU6215PBF..
Description  HEXFET® Power MOSFET
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFU6215PBF.. Datasheet(HTML) 6 Page - International Rectifier

Back Button IRFU6215PBF.. Datasheet HTML 2Page - International Rectifier IRFU6215PBF.. Datasheet HTML 3Page - International Rectifier IRFU6215PBF.. Datasheet HTML 4Page - International Rectifier IRFU6215PBF.. Datasheet HTML 5Page - International Rectifier IRFU6215PBF.. Datasheet HTML 6Page - International Rectifier IRFU6215PBF.. Datasheet HTML 7Page - International Rectifier IRFU6215PBF.. Datasheet HTML 8Page - International Rectifier IRFU6215PBF.. Datasheet HTML 9Page - International Rectifier IRFU6215PBF.. Datasheet HTML 10Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
IRFR/U6215
6
www.irf.com
Fig 12c. Maximum Avalanche Energy
Vs. Drain Current
0
200
400
600
800
25
50
75
100
125
150
175
J
A
Starting T , J unc tion T em perature (°C )
I
T O P
-2 .7A
-4 .7A
B O T TO M
-6.6 A
D
Fig 13b. Gate Charge Test Circuit
Fig 13a. Basic Gate Charge Waveform
QG
QGS
QGD
VG
Charge
-10V
D.U.T.
VDS
ID
IG
-3mA
VGS
.3
µF
50K
Ω
.2
µF
12V
Current Regulator
Same Type as D.U.T.
Current Sampling Resistors
Fig 12b. Unclamped Inductive Waveforms
Fig 12a. Unclamped Inductive Test Circuit
tp
V (BR)DSS
I AS
R G
IAS
0.0 1
Ω
tp
D.U .T
L
V DS
VDD
DR IV E R
A
15V
-20V



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com