Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRFU6215PBF.. Datasheet(PDF) 5 Page - International Rectifier

Part # IRFU6215PBF..
Description  HEXFET® Power MOSFET
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFU6215PBF.. Datasheet(HTML) 5 Page - International Rectifier

  IRFU6215PBF.. Datasheet HTML 1Page - International Rectifier IRFU6215PBF.. Datasheet HTML 2Page - International Rectifier IRFU6215PBF.. Datasheet HTML 3Page - International Rectifier IRFU6215PBF.. Datasheet HTML 4Page - International Rectifier IRFU6215PBF.. Datasheet HTML 5Page - International Rectifier IRFU6215PBF.. Datasheet HTML 6Page - International Rectifier IRFU6215PBF.. Datasheet HTML 7Page - International Rectifier IRFU6215PBF.. Datasheet HTML 8Page - International Rectifier IRFU6215PBF.. Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
IRFR/U6215
www.irf.com
5
Fig 9. Maximum Drain Current Vs.
Case Temperature
Fig 11. Maximum Effective Transient Thermal Impedance, Junction-to-Case
Fig 10a. Switching Time Test Circuit
Fig 10b. Switching Time Waveforms
VDS
-10V
Pulse Width
≤ 1 µs
Duty Factor
≤ 0.1 %
RD
VGS
VDD
RG
D.U.T.
VDS
90%
10%
VGS
td(on)
tr
td(off)
tf
25
50
75
100
125
150
175
0
2
4
6
8
10
12
14
T , Case Temperature ( C)
°
C
0.01
0.1
1
10
0.00001
0.0001
0.001
0.01
0 . 1
1
t , Re ctangular P uls e D u ration (sec )
1
D = 0.50
0.01
0.02
0.0 5
0.10
0.20
S IN G L E P U L S E
(T HE RM AL RE SP O N SE )
A
P
t
2
1
t
DM
N o te s :
1 . D u ty f ac to r D = t
/ t
2 . P e a k T = P
x Z
+ T
1
2
J
DM
th J C
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com