Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADAR1000ACCZN-R7 Datasheet(PDF) 39 Page - Analog Devices

Part # ADAR1000ACCZN-R7
Description  GHz to 16 GHz, 4-Channel, X Band and Ku Band Beamformer
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAR1000ACCZN-R7 Datasheet(HTML) 39 Page - Analog Devices

Back Button ADAR1000ACCZN-R7 Datasheet HTML 35Page - Analog Devices ADAR1000ACCZN-R7 Datasheet HTML 36Page - Analog Devices ADAR1000ACCZN-R7 Datasheet HTML 37Page - Analog Devices ADAR1000ACCZN-R7 Datasheet HTML 38Page - Analog Devices ADAR1000ACCZN-R7 Datasheet HTML 39Page - Analog Devices ADAR1000ACCZN-R7 Datasheet HTML 40Page - Analog Devices ADAR1000ACCZN-R7 Datasheet HTML 41Page - Analog Devices ADAR1000ACCZN-R7 Datasheet HTML 42Page - Analog Devices ADAR1000ACCZN-R7 Datasheet HTML 43Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 79 page
background image
Data Sheet
ADAR1000
APPLICATIONS INFORMATION
analog.com
Rev. B | 39 of 79
PA BIAS OUTPUT CONTROL
The four PA bias output voltages (PA_BIAS1, PA_BIAS2,
PA_BIAS3, and PA_BIAS4) are controlled by four separate DACs,
which in turn are controlled by a combination of inputs (note that
some inputs are don't care depending on the settings).
See Table 16 for all control combinations.
Table 15. PA Bias Output Control by Inputs
Input
Bit/Pin Name
Description
Register 0x30
Bit 6
BIAS_CTRL
Determines if the bias DACs always use the EXT_PAx_BIAS_ON data for each channel (BIAS_CTRL = 0)
or if the bias DACs can be controlled with the other inputs (BIAS_CTRL = 1).
Register 0x31
Bit 2
TR_SOURCE
Determines whether switching between transmit and receive mode is controlled by the SPI register or the
TR input.
Bit 6
TX_EN
Global transmit enable. Logic high enables all four transmit paths (if individual Chx_TX_EN bits are also
logic high). See Figure 94.
Register 0x029 to Register 0x02C or
from Several locations in memory; see
the memory map on the ADAR1000
product page.
EXT_PAx_BIAS_ON
External PA Bias on data that can be sourced from multiple locations.
Register 0x046 to Register 0x049 or
from Several locations in memory; see
the memory map on the ADAR1000
product page.
EXT_PAx_BIAS_OFF
External PA Bias off data that can be sourced from multiple locations.
Input Pins
TR
Determines transmit or receive mode of chip when TR_SOURCE = 1.
PA_ON
Determines whether to use the CHx_PA_BIAS_ON or CHx_PA_BIAS_OFF value when the ADAR1000 is
in transmit mode, BIAS_CTRL is set to 1, and in TR pin control.
Table 16. Control of PA Bias Outputs
BIAS_CTRL
(Register 0x030, Bit 6)
TR_SOURCE
(Register 0x031, Bit 2)
TX_EN
(Register 0x031, Bit 6)
TR
(Input to Chip)
PA_ON
(Input to Chip)
PA Bias Bits Used
(x = 1, 2, 3, or 4)
0
X1
X1
X1
X1
EXT_PAx_BIAS_ON
1
0
0
X1
X1
EXT_PAx_BIAS_OFF
1
0
1
X1
X1
EXT_PAx_BIAS_ON
1
1
0
0
X1
EXT_PAx_BIAS_OFF
1
1
0
1
0
EXT_PAx_BIAS_OFF
1
1
0
1
1
EXT_PAx_BIAS_ON
1 X means don't care.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com