Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADAR1000ACCZN-R7 Datasheet(PDF) 40 Page - Analog Devices

Part # ADAR1000ACCZN-R7
Description  GHz to 16 GHz, 4-Channel, X Band and Ku Band Beamformer
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAR1000ACCZN-R7 Datasheet(HTML) 40 Page - Analog Devices

Back Button ADAR1000ACCZN-R7 Datasheet HTML 36Page - Analog Devices ADAR1000ACCZN-R7 Datasheet HTML 37Page - Analog Devices ADAR1000ACCZN-R7 Datasheet HTML 38Page - Analog Devices ADAR1000ACCZN-R7 Datasheet HTML 39Page - Analog Devices ADAR1000ACCZN-R7 Datasheet HTML 40Page - Analog Devices ADAR1000ACCZN-R7 Datasheet HTML 41Page - Analog Devices ADAR1000ACCZN-R7 Datasheet HTML 42Page - Analog Devices ADAR1000ACCZN-R7 Datasheet HTML 43Page - Analog Devices ADAR1000ACCZN-R7 Datasheet HTML 44Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 79 page
background image
Data Sheet
ADAR1000
APPLICATIONS INFORMATION
analog.com
Rev. B | 40 of 79
LNA BIAS OUTPUT CONTROL
The LNA_BIAS output voltage is controlled by a DAC, which in turn
is controlled by a combination of inputs (see Table 17).
The output is set by the LNA_BIAS_ON data when the ADAR1000
is in receive mode or LNA_BIAS_OFF data when in transmit mode,
if BIAS_CTRL is set to 1. If BIAS_CTRL set to 0, the output is set
by LNA_BIAS_ON data. See Table 18 for all control combinations.
Table 17. LNA Bias Output Control by Inputs
Input
Bit/Pin Name
Description
Register 0x30
Bit 4
LNA_BIAS_OUT_EN
The LNA_BIAS output is enabled if LNA_BIAS_OUT_EN = 1. If LNA_BIAS_OUT_EN = 0, the output is
open (three-state).
Bit 6
BIAS_CTRL
Determines if the bias DAC always use the EXT_LNA_BIAS ON data (BIAS_CTRL = 0) or if the bias DAC
can be controlled with the other inputs (BIAS_CTRL = 1).
Register 0x31
Bit 2
TR_SOURCE
Determines whether switching between transmit and receive mode is controlled by the SPI register or the
TR input.
Bit 6
RX_EN
Global receive enable. Logic high enables all four receive paths (if individual Chx_RX_EN bits are also
logic high). See Figure 93.
Register 0x2D or from Several loca-
tions in memory; see the memory map
on the ADAR1000 product page.
EXT_LNA_BIAS_ON
External LNA Bias on data that can be sourced from multiple locations.
Register 0x4A or from Several loca-
tions in memory; see the memory map
on the ADAR1000 product page.
EXT_LNA_BIAS_OFF
External LNA Bias off data that can be sourced from multiple locations.
Input Pin
TR
Determines transmit or receive mode of chip when TR_SOURCE = 1
Table 18. Control of LNA_BIAS Output
LNA_BIAS_OUT_EN
(Register 0x030, Bit 4)
BIAS_CTRL
(Register 0x030, Bit 6)
TR_SOURCE
(Register 0x031, Bit 2)
RX_EN
(Register 0x031, Bit 5)
TR
(Input to Chip)
LNA Bias Bits Used
0
X1
X1
X1
X1
Open circuit (floating)
1
0
0
0
X1
EXT_LNA_BIAS_ON
1
0
0
1
X1
EXT_LNA_BIAS_ON
1
1
0
0
X1
EXT_LNA_BIAS_OFF
1
1
0
1
X1
EXT_LNA_BIAS_ON
1
0
1
0
0
EXT_LNA_BIAS_ON
1
0
1
0
1
EXT_LNA_BIAS_ON
1
1
1
0
0
EXT_LNA_BIAS_ON
1
1
1
0
1
EXT_LNA_BIAS_OFF
1 X means don't care.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com