Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADAR1000ACCZN-R7 Datasheet(PDF) 70 Page - Analog Devices

Part # ADAR1000ACCZN-R7
Description  GHz to 16 GHz, 4-Channel, X Band and Ku Band Beamformer
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAR1000ACCZN-R7 Datasheet(HTML) 70 Page - Analog Devices

Back Button ADAR1000ACCZN-R7 Datasheet HTML 66Page - Analog Devices ADAR1000ACCZN-R7 Datasheet HTML 67Page - Analog Devices ADAR1000ACCZN-R7 Datasheet HTML 68Page - Analog Devices ADAR1000ACCZN-R7 Datasheet HTML 69Page - Analog Devices ADAR1000ACCZN-R7 Datasheet HTML 70Page - Analog Devices ADAR1000ACCZN-R7 Datasheet HTML 71Page - Analog Devices ADAR1000ACCZN-R7 Datasheet HTML 72Page - Analog Devices ADAR1000ACCZN-R7 Datasheet HTML 73Page - Analog Devices ADAR1000ACCZN-R7 Datasheet HTML 74Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 79 page
background image
Data Sheet
ADAR1000
REGISTER MAP
analog.com
Rev. B | 70 of 79
Table 76. Bit Descriptions for SW_CTRL
Bit
Bit Name
Settings
Description
Reset
Access
4
SW_DRV_EN_TR
Enables Switch Driver for External Transmit/Receive Switch. 1 = enabled.
0x0
R/W
3
SW_DRV_EN_POL
Enables Switch Driver for External Polarization Switch. 1 = enabled.
0x0
R/W
2
TR_SOURCE
Source for Transmit/Receive Control. 0 = TR_SPI, 1 = TR input.
0x0
R/W
1
TR_SPI
Transmit or Receive mode while in SPI Control. 0 = receive and 1 = transmit.
0x0
R/W
0
POL
Control for External Polarity Switch Drivers. 0 = outputs 0 V, and 1 = outputs −5 V, if switch is
enabled.
0x0
R/W
Address: 0x032, Reset: 0x00, Name: ADC_CTRL
Table 77. Bit Descriptions for ADC_CTRL
Bit(s)
Bit Name
Settings
Description
Reset
Access
7
ADC_CLKFREQ_SEL
ADC Clock Frequency Selection. 0 = 2 MHz, 1 = 250 kHz
0x0
R/W
6
ADC_EN
Turns on ADC and Resets State Machine. 1 = enabled
0x0
R/W
5
CLK_EN
Turns on Clock Oscillator. 1 = enabled
0x0
R/W
4
ST_CONV
Active High Triggers Conversion Cycle. Self-clearing
0x0
R/WC
[3:1]
MUX_SEL
ADC Input Signal Select
0x0
R/W
0b000
Temperature Sensor
0b001
Detector 1
0b010
Detector 2
0b011
Detector 3
0b100
Detector 4
0
ADC_EOC
ADC End of Conversion Signal. Active high; low during conversion.
0x0
R
Address: 0x033, Reset: 0x00, Name: ADC_OUTPUT
Table 78. Bit Descriptions for ADC_OUTPUT
Bit(s)
Bit Name
Settings
Description
Reset
Access
[7:0]
ADC
ADC Output Word
0x0
R
Address: 0x034, Reset: 0x00, Name: BIAS_CURRENT_RX_LNA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com