Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

13892 Datasheet(PDF) 41 Page - Freescale Semiconductor, Inc

Part # 13892
Description  Power Management Integrated Circuit (PMIC) for i.MX35/51
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

13892 Datasheet(HTML) 41 Page - Freescale Semiconductor, Inc

Back Button 13892 Datasheet HTML 37Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 38Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 39Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 40Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 41Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 42Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 43Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 44Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 45Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 158 page
background image
FUNCTIONAL DEVICE OPERATION
PROGRAMMABILITY
Analog Integrated Circuit Device Data
Freescale Semiconductor
41
MC13892
The SPI interface is comprised of the package pins listed in Table 9.
SPI INTERFACE DESCRIPTION
The control bits are organized into 64 fields. Each of these 64 fields contains 32-bits. A maximum of 24 data bits are used per
field. In addition, there is one “dead” bit between the data and address fields. The remaining bits include 6 address bits to address
the 64 data fields and one write enable bit to select whether the SPI transaction is a read or a write.
The register set will be to a large extent compatible with the MC13783, in order to facilitate software development.
For each SPI transfer, first a one is written to the read/write bit if this SPI transfer is to be a write. A zero is written to the read/
write bit if this is to be a read command only.
The CS line must remain high during the entire SPI transfer. To start a new SPI transfer, the CS line must go inactive and then
go active again. The MISO line will be tri-stated while CS is low.
To read a field of data, the MISO pin will output the data field pointed to by the 6 address bits loaded at the beginning of the
SPI sequence.
Figure 5. SPI Transfer Protocol Single Read/Write Access
12
Unused
28
Switchers 4
44
ADC 1
60
Test 1
13
Power Control 0
29
Switchers 5
45
ADC 2
61
Test 2
14
Power Control 1
30
Regulator Setting 0
46
ADC 3
62
Test 3
15
Power Control 2
31
Regulator Setting 1
47
ADC4
63
Test 4
Table 9. SPI Interface Pin Description
SPI Bus
Description
CLK
Clock input line, data shifting occurs at the rising edge
MOSI
Serial data input line
MISO
Serial data output line
CS
Clock enable line, active high
Interrupt
Description
INT
Interrupt to processor
Supply
Description
SPIVCC
Processor SPI bus supply
Table 8. Register Set
Register
Register
Register
Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com