Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

13892 Datasheet(PDF) 69 Page - Freescale Semiconductor, Inc

Part # 13892
Description  Power Management Integrated Circuit (PMIC) for i.MX35/51
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

13892 Datasheet(HTML) 69 Page - Freescale Semiconductor, Inc

Back Button 13892 Datasheet HTML 65Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 66Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 67Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 68Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 69Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 70Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 71Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 72Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 73Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 158 page
background image
FUNCTIONAL DEVICE OPERATION
OPERATING MODES
Analog Integrated Circuit Device Data
Freescale Semiconductor
69
MC13892
POWER GATING SPECIFICATIONS AND CONTROL
A power gate driver pulled low may be thought of as power gating being active since this is the condition where a power source
is isolated (or power gated) from its loading on the other side of the switch. The power gate drive outputs are SPI controlled in
the active modes as shown in Table 38.
When SPI controlled (Watchdog, On, and User Off Wait states), the PWGTDRVx power gate drive pin states are determined
by SPI enable bits PWGTxSPIEN, according to Table 39.
GENERAL PURPOSE OUTPUTS
GPO drivers included can provide useful system level signaling with SPI enabling and programmable Standby control. Key
use cases for GPO outputs include battery pack thermistor biasing and enabling of peripheral devices, such as light sensor(s),
camera flash, or even supplemental regulators.
SPI enabling can be used for coordinating GPOs with ADC conversions for consumption efficiency and desired settling
characteristics.
Four general purpose outputs are provided, summarized in Table 40 and Table 41 (active high polarities assumed).
Table 37. Power Gating Characteristics
Parameter
Condition
Min
Typ
Max
Units
Output Voltage VOUT
Output High
5.0
5.40
5.70
V
Output Low
–
–
100
mV
Turn-on Time (66), (67)
Enable to VOUT = VOUTMIN -250 mV
–
50
100
s
Turn Off Time
Disable to VOUT < 1.0 V
–
–
1.0
s
Average Bias Current
t > 500
s after Enable
–
1.0
5.0
A
PWGTx Input Voltage
NMOS drain voltage
0.6
–
2.0
V
DC Load Current
At PWGTDRVx output
–
–
100
nA
Load Capacitance (66)
Used as a condition for the other parameters
0.5
–
1.0
nF
Notes
66.
Larger capacitive loading values will lead to longer turn on times exceeding the given limits; smaller values will lead to larger ripple at
the output.
67.
Input supply is assumed in the range of 3.0 < BP < 4.65 V; lower BP values may extend turn on time, and functionality not supported
for BP less than ~2.7 V.
Table 38. Power Gate Drive State Control
Mode
PWGTDRV1
PWGTDRV2
Off
L
ow
Low
Cold Start
Low
Low
Warm Start
Low
Low
Watchdog, On, User Off Wait
SPI Controlled
SPI Controlled
User Off, Memory Hold, Internal Memory Hold Power Cut
Low
Low
Table 39. Power Gating Logic Table
PWGTxSPIEN
PWGTDRVx
1
Low
0
High
Notes
68.
Applicable for Watchdog, On and User Off Wait modes only. If PWGT1SPIEN
AND PWGT2SPIEN both = 1 then the charge pump is disabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com