Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

13892 Datasheet(PDF) 80 Page - Freescale Semiconductor, Inc

Part # 13892
Description  Power Management Integrated Circuit (PMIC) for i.MX35/51
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

13892 Datasheet(HTML) 80 Page - Freescale Semiconductor, Inc

Back Button 13892 Datasheet HTML 76Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 77Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 78Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 79Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 80Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 81Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 82Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 83Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 84Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 158 page
background image
FUNCTIONAL DEVICE OPERATION
SUPPLIES
Analog Integrated Circuit Device Data
80
Freescale Semiconductor
MC13892
stepping. If a switcher runs out of programmable range (in either direction), as constrained by programmable stops, then the
increment or decrement command shall be ignored.
The Switcher Increment / Decrement (SID) function is enabled with SIDEN = 1. This will reassign the function of the DVS1 and
DVS2 pins, from the default toggling between Normal and DVS operating modes, to a jog control mode for the switcher which
DVSx is assigned. Once enabled, the switcher being controlled will start at the Normal mode set point as programmed with
SWx[4:0] and await any jog commands from the processor. The adjustment scheme essentially intercepts the Normal mode set
point SPI bits (i.e., but not DVS or Standby programmed set points), and makes any necessary adjustments based on jog up or
jog down commands. The modified set point bits are then immediately passed to the switching regulator, which would then do a
DVS step in the appropriate direction. The SPI bits containing Normal mode programming are not directly altered.
When configured for SID mode, a high pulse on the DVSx pin will indicate one of 3 actions to take, with the decoding as a
function of how many contiguous SPI clock falling edges are seen while the DVSx pin is held high.
The SID protocol is illustrated by way of example, assuming SIDEN = 1, and that DVS1 is controlling SW1. SW1 starts out at
its default value of 1.250 V (SW1 = 11010) and is stepped both up and down via the DVS1 pin. The SPI bits SW1 = 11010 do
not change. The set point adjustment takes place in the SID block prior to bit delivery to the switcher's digital control.
Figure 21. SID Control Example for Increment & Decrement
SID Panic Mode is provided for rapid recovery to the programmed Normal mode output voltage, so the processor can quickly
recover to its high performance capability with a minimum of communication latency. In Figure 22, Panic Mode recovery is
illustrated as an Increment step, initiated by the detection of the second falling SPI clock edge, followed by a continuation to the
programmed SW1[4:0] level (1.250 V in this example), due to the detection of the third contiguous falling edge of SPI clock while
DVS1 is held high.
Table 51. SID Control Protocol
Number of SPI CLK Falling
Edges while DVSx = 1
Function
0
No action. Switcher stays at its presently programmed configuration
1
Jog down. Drive buck regulator output down a single DVS step
2
Jog up. Drive buck regulator output up a single DVS step
3 or more
Panic Mode. DVS step the buck regulator output to the Normal mode value as programmed in the SPI register
SW1 output
DVS1
SPICLK
Up
Down
1.250
1.275
1.250
Down
1.225
Starting Value
DVS
Up
DVS
Down
DVS
Down
12
1
1
SPICLK shut down
when not used



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com