Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

13892 Datasheet(PDF) 8 Page - Freescale Semiconductor, Inc

Part # 13892
Description  Power Management Integrated Circuit (PMIC) for i.MX35/51
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

13892 Datasheet(HTML) 8 Page - Freescale Semiconductor, Inc

Back Button 13892 Datasheet HTML 4Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 5Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 6Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 7Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 8Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 9Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 10Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 11Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 12Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 158 page
background image
PIN CONNECTIONS
Analog Integrated Circuit Device Data
8
Freescale Semiconductor
MC13892
F7
E7, E8, E9, E10,
F4, F5, F6
GNDSUB2
–
Ground
Ground 2
Non critical signal ground and thermal heat
sink
F8
F7, F8, F9, F10,
G4, G5, G6, G7,
G8
GNDSUB3
–
Ground
Ground 3
Non critical signal ground and thermal heat
sink
F9
C13
GPO3
–
Output
General Purpose
Output 3
General purpose output 3
F10
E12
GPO2
3.6
Output
General Purpose
Output 2
General purpose output 2
F11
E14
RESETBMCU
3.6
Output
MCU Reset
Reset output for processor
F12
F13
RESETB
3.6
Output
Peripheral Reset
Reset output for peripherals
F13
F14
SW1OUT
5.5
Output
Switcher 1 Output
Switcher 1 output
G1
F1
SW3OUT
5.5
Output
Switcher 3 Output
Switcher 3 output
G2
F3
VINUSB
7.5
Input
VUSB Supply Input
Input option for UVUSB; tie to SWBST at top
level
G4
J3
SW4FB
3.6
Input
Switcher 4 Feedback
Switcher 4 feedback
G5
E2
GNDREG2
–
Ground
Regulator 2 Ground
Ground for regulators 2
G6
G9, G10, G11,
H3, H5, H6, H7,
H8
GNDSUB4
–
Ground
Ground 4
Non critical signal ground and thermal heat
sink
G7
H9, H10, H12,
J5, J6, J7
GNDSUB5
–
Ground
Ground 5
Non critical signal ground and thermal heat
sink
G8
J8, J9, J10, K4,
K5, K6, K7
GNDSUB6
–
Ground
Ground 6
Non critical signal ground and thermal heat
sink
G9
C14
PUMS1
3.6
Input
Power Up Mode Select
1
Power up mode supply setting 1
G10
F12
WDI
3.6
Input
Watchdog Input
Watchdog input
G12
D14
GPO4
3.6
Output
General Purpose
Output 4
General purpose output 4
G13
H13, H14
SW1IN
5.5
Input
Switcher 1 Input
Input voltage for switcher 1
H1
H1, H2
SW3IN
5.5
Power
Switcher 3 Input
Switcher 3 input
H2
P2
MISO
3.6
I/O
Master In Slave Out
Primary SPI read output
H4
L3
GNDSPI
–
Ground
SPI Ground
Ground for SPI interface
H5
N4
GNDREG3
–
Ground
Regulator 3 Ground
Ground for regulators 3
H6
K8, K10, L4, L5,
L6, L10
GNDSUB7
–
Ground
Ground 7
Non critical signal ground and thermal heat
sink
H7
P5, P7, P8, P9,
P10
GNDSUB8
–
Ground
Ground 8
Non critical signal ground and thermal heat
sink
H8
–
GNDSUB9
–
Ground
Ground 9
Non critical signal ground and thermal heat
sink
H9
F11
GNDCTRL
–
Ground
Logic Control Ground Ground for control logic
Table 2. MC13892 Pin Definitions (continued)
A functional description of each pin can be found in the Functional Description.
Pin Number
on the
13982VK
7x7 mm
Pin Number on
the 13982VL
12x12 mm
Pin Name
Rating
(V)
Pin Function
Formal Name
Definition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com