Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACT4533AB Datasheet(PDF) 6 Page - Qorvo, Inc

Part # ACT4533AB
Description  Wide Input Sensorless CC/CV Step-Down DC/DC Converter
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

ACT4533AB Datasheet(HTML) 6 Page - Qorvo, Inc

Back Button ACT4533AB Datasheet HTML 2Page - Qorvo, Inc ACT4533AB Datasheet HTML 3Page - Qorvo, Inc ACT4533AB Datasheet HTML 4Page - Qorvo, Inc ACT4533AB Datasheet HTML 5Page - Qorvo, Inc ACT4533AB Datasheet HTML 6Page - Qorvo, Inc ACT4533AB Datasheet HTML 7Page - Qorvo, Inc ACT4533AB Datasheet HTML 8Page - Qorvo, Inc ACT4533AB Datasheet HTML 9Page - Qorvo, Inc ACT4533AB Datasheet HTML 10Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
Classification | PRIVATE
Data Sheet Rev. B, January 2025 | Subject to change without notice
6 of 19
www.qorvo.com
© 2025 Qorvo US, Inc. All rights reserved. Qorvo Confidential & Proprietary Information
ACT4533A/B
Wide Input Sensorless CC/CV Step-Down DC/DC Converter
regulating output current, and the output voltage will
drop with increasing load.
The Oscillator normally switches at 125 kHz. However,
if FB voltage is less than 0.6 V, then the switching
frequency decreases until it reaches a typical value of
18 kHz at VFB = 0.15 V
Over Voltage Protection (ACT4533A)
The ACT4533A has an OVP pin. If the voltage at this
pin exceeds 0.8 V, the IC shuts down the high-side
switch. There is a 4 µA pull-up current at this pin.
EN/OVP Pin (ACT4533B)
The ACT4533B has an enable input and OVP input for
turning the IC on and off.
If the voltage at this pin rises above 0.65 V, the IC is
enabled. The EN contains a 60mV hysteresis and 4 µA
pull-up current source.
If the voltage at this pin is between 0.65 V and 2.26 V,
the IC operates normally; if the voltage at this pin
exceeds 2.26 V, the IC shuts down high-side switch.
The OVP contains a 500mV hysteresis and 4 µA
pull-up current source.
Thermal Shutdown
The ACT4533A/B disables switching when its junction
temperature exceeds 155 °C and resumes when the
temperature has dropped by 25 °C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com