Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACT4533AB Datasheet(PDF) 17 Page - Qorvo, Inc

Part # ACT4533AB
Description  Wide Input Sensorless CC/CV Step-Down DC/DC Converter
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

ACT4533AB Datasheet(HTML) 17 Page - Qorvo, Inc

Back Button ACT4533AB Datasheet HTML 11Page - Qorvo, Inc ACT4533AB Datasheet HTML 12Page - Qorvo, Inc ACT4533AB Datasheet HTML 13Page - Qorvo, Inc ACT4533AB Datasheet HTML 14Page - Qorvo, Inc ACT4533AB Datasheet HTML 15Page - Qorvo, Inc ACT4533AB Datasheet HTML 16Page - Qorvo, Inc ACT4533AB Datasheet HTML 17Page - Qorvo, Inc ACT4533AB Datasheet HTML 18Page - Qorvo, Inc ACT4533AB Datasheet HTML 19Page - Qorvo, Inc  
Zoom Inzoom in Zoom Outzoom out
 17 / 19 page
background image
Classification | PRIVATE
Data Sheet Rev. B, January 2025 | Subject to change without notice
17 of 19
www.qorvo.com
© 2025 Qorvo US, Inc. All rights reserved. Qorvo Confidential & Proprietary Information
ACT4533A/B
Wide Input Sensorless CC/CV Step-Down DC/DC Converter
QSPICE® MODEL INFORMATION
Models of the ACT4533A/B are available
for use in Qorvo’s QSPICE® simulator.
Check the Qorvo website (www.qorvo.com) and
search ‘QSPICE’ for a link to download the software.
QSPICE® is a free to use analog and mixed signal sim-
ulation tool that gives power designers the ability to
evaluate their design in the pre-development phase
before creating a schematic and layout for circuit pro-
totyping and evaluation. The simulation tool assists
with product design-in activities upfront to speed the
evaluation process of device performance and make
the process more cost-effective.
QSPICE® provides a workspace for developing and
evaluating the ACT4533A/B models in common appli-
cations like a car charger adapter circuit as shown in
Figure 11. Simulation is a critical tool in streamlining
the pre-verification process which decreases the po-
tential number of design re-spins by allowing evalua-
tion of performance and optimization of the design ear-
lier in the process leading to the opportunity for a
faster product release.
Figure 11: ACT4533A Car Charger Circuit In QSPICE®
The ACT4533A/B has many potential uses in the
industrial application spaces with a nominal 24Vin like
building automation and factory automation. QSPICE®
allows for quick evaluation of an ACT4533A bucking
down from 24V to 4V as an example for these types of
applications as shown in Figure 12.
Figure 12: Generic Industrial Buck Converter Circuit in QSPICE®



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com