Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACT4533AB Datasheet(PDF) 9 Page - Qorvo, Inc

Part # ACT4533AB
Description  Wide Input Sensorless CC/CV Step-Down DC/DC Converter
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

ACT4533AB Datasheet(HTML) 9 Page - Qorvo, Inc

Back Button ACT4533AB Datasheet HTML 5Page - Qorvo, Inc ACT4533AB Datasheet HTML 6Page - Qorvo, Inc ACT4533AB Datasheet HTML 7Page - Qorvo, Inc ACT4533AB Datasheet HTML 8Page - Qorvo, Inc ACT4533AB Datasheet HTML 9Page - Qorvo, Inc ACT4533AB Datasheet HTML 10Page - Qorvo, Inc ACT4533AB Datasheet HTML 11Page - Qorvo, Inc ACT4533AB Datasheet HTML 12Page - Qorvo, Inc ACT4533AB Datasheet HTML 13Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
Classification | PRIVATE
Data Sheet Rev. B, January 2025 | Subject to change without notice
9 of 19
www.qorvo.com
© 2025 Qorvo US, Inc. All rights reserved. Qorvo Confidential & Proprietary Information
ACT4533A/B
Wide Input Sensorless CC/CV Step-Down DC/DC Converter
STEP 1. Set the cross over frequency at 1/10 of the
switching frequency via RCOMP:
������
=
2������ ������
������
������
10 ������
������
× 0.808������
= 5.12 ������ 10 ������
������
(������)
(12)
STEP 2. Set the zero fZ1 at 1/4 of the cross over
frequency. If RCOMP is less than 15 kΩ, the equation for
CCOMP is:
������
=
2.83 × 10
������
(������)
(13)
If RCOMP is limited to 15 kΩ, then the actual crossover
frequency is 6.58 / (VOUTCOUT). Therefore:
������
= 6.45 × 10
������
������
(������)
(14)
STEP 3. If the output capacitor’s ESR is high enough to
cause a zero at lower than 4 times the cross over
frequency, an additional compensation capacitor
CCOMP2 is required. The condition for using CCOMP2 is:
������
≥ ������������������
1.77 × 10
������
, 0.006 × ������
(������) (15)
And the proper value for CCOMP2 is:
������
=
������
������
������
(16)
Though CCOMP2 is unnecessary when the output
capacitor has sufficiently low ESR, a small value CCOMP2
such as 100 pF may improve stability against PCB
layout parasitic effects.
Table 1 shows some calculated results based on the
compensation method above.
Table 1: Typical Compensation for Different Output
Voltages and Output Capacitors
VOUT
COUT
RCOMP
VCOMP CCOMP2
2.5 V
47 μF Ceramic CAP
5.6 kΩ
10 nF
None
3.3 V
47 μF Ceramic CAP
8.2 kΩ
10 nF
None
5 V
47 μF Ceramic CAP
15 kΩ
10 nF
None
2.5 V
220 μF/10 V/30 mΩ
15 kΩ
2.2 nF
47 pF
3.3 V
220 μF/10 V/30 mΩ
15 kΩ
2.2 nF
47 pF
5 V
220 μF/10 V/30 mΩ
15 kΩ
2.2 nF
47 pF
: CCOMP2 is needed for high ESR output capacitor.
CCOMP2 ≤ 47 pF is recommended.
CC Loop Stability
The
constant-current
control
loop
is
internally
compensated over the 1500 mA - 3500 mA output range.
No additional external compensation is required to
stabilize the CC current.
Output Cable Resistance Compensation
To compensate for resistive voltage drop across the
charger's output cable, the ACT4533A/B integrates a
simple,
user-programmable
cable
voltage
drop
compensation using the impedance at the FB pin. Use
the curve in Figure 6 to choose the proper feedback
resistance values for cable compensation. RFB1 is the
high side resistor of voltage divider.
In the case of high RFB1 used, the frequency compensa-
tion needs to be adjusted correspondingly. As shown in
Figure 7, adding a capacitor in parallel with RFB1 or in-
creasing the compensation capacitance at COMP pin
helps the system stability.
Figure 6: Cable Compensation at Various Resistor
Divider Values
Figure 7: Frequency Compensation for High RFB1
PC Board Layout Guidance
When laying out the printed circuit board, the following
checklist should be used to ensure proper operation of
the IC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com