Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACT4533AB Datasheet(PDF) 18 Page - Qorvo, Inc

Part # ACT4533AB
Description  Wide Input Sensorless CC/CV Step-Down DC/DC Converter
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

ACT4533AB Datasheet(HTML) 18 Page - Qorvo, Inc

Back Button ACT4533AB Datasheet HTML 11Page - Qorvo, Inc ACT4533AB Datasheet HTML 12Page - Qorvo, Inc ACT4533AB Datasheet HTML 13Page - Qorvo, Inc ACT4533AB Datasheet HTML 14Page - Qorvo, Inc ACT4533AB Datasheet HTML 15Page - Qorvo, Inc ACT4533AB Datasheet HTML 16Page - Qorvo, Inc ACT4533AB Datasheet HTML 17Page - Qorvo, Inc ACT4533AB Datasheet HTML 18Page - Qorvo, Inc ACT4533AB Datasheet HTML 19Page - Qorvo, Inc  
Zoom Inzoom in Zoom Outzoom out
 18 / 19 page
background image
Classification | PRIVATE
Data Sheet Rev. B, January 2025 | Subject to change without notice
18 of 19
www.qorvo.com
© 2025 Qorvo US, Inc. All rights reserved. Qorvo Confidential & Proprietary Information
ACT4533A/B
Wide Input Sensorless CC/CV Step-Down DC/DC Converter
PACKAGE OUTLINE
SOP-8EP PACKAGE OUTLINE AND DIMENSIONS
SYMBOL
DIMENSION IN MILLIMETERS
DIMENSION IN INCHES
MIN
MAX
MIN
MAX
A
1.350
1.700
0.053
0.067
A1
0.000
0.100
0.000
0.004
A2
1.350
1.550
0.053
0.061
b
0.330
0.510
0.013
0.020
c
0.170
0.250
0.007
0.010
D
4.700
5.100
0.185
0.200
D1
3.202
3.402
0.126
0.134
E
3.800
4.000
0.150
0.157
E1
5.800
6.200
0.228
0.244
E2
2.313
2.513
0.091
0.099
e
1.270 TYP
0.050 TYP
L
0.400
1.270
0.016
0.050
θ
0°
8°
0°
8°
Notes:
1. Lead Coplanarity is 0.1 mm max.
2. Dimension D does not include mold flash, protrusions or gate burrs. Mold flash, protrusions or gate burrs
shall not exceed 0.15 mm per end.
3. Dimension E does not include interlead flash or protrusion. Interlead flash or protrusion shall not exceed
0.25 mm per side.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com