Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CORTEX-M3 Datasheet(PDF) 4 Page - Arm Limited (or its affiliates).

Part # CORTEX-M3
Description  Arm Cortex-M3 Datasheet
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARM [Arm Limited (or its affiliates).]
Direct Link  https://www.arm.com/
Logo ARM - Arm Limited (or its affiliates).

CORTEX-M3 Datasheet(HTML) 4 Page - Arm Limited (or its affiliates).

  CORTEX-M3 Datasheet HTML 1Page - Arm Limited (or its affiliates). CORTEX-M3 Datasheet HTML 2Page - Arm Limited (or its affiliates). CORTEX-M3 Datasheet HTML 3Page - Arm Limited (or its affiliates). CORTEX-M3 Datasheet HTML 4Page - Arm Limited (or its affiliates). CORTEX-M3 Datasheet HTML 5Page - Arm Limited (or its affiliates). CORTEX-M3 Datasheet HTML 6Page - Arm Limited (or its affiliates). CORTEX-M3 Datasheet HTML 7Page - Arm Limited (or its affiliates). CORTEX-M3 Datasheet HTML 8Page - Arm Limited (or its affiliates). CORTEX-M3 Datasheet HTML 9Page - Arm Limited (or its affiliates). Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4
Nested Vectored Interrupt Controller
A Nested Vectored Interrupt Controller (NVIC) is closely integrated with the processor
core to achieve low latency interrupt processing. Features include:
External interrupts, configurable from 1 to 240
Bits of priority, configurable from 3 to 8
Dynamic reprioritization of interrupts
Priority grouping
— This enables selection of preempting interrupt levels and non preempting
interrupt levels
Support for tail-chaining and late arrival of interrupts
— This enables back-to-back interrupt processing without the overhead of state
saving and restoration between interrupts
Processor state automatically saved on interrupt entry, and restored on interrupt exit,
with no instruction overhead
Optional Wake-up Interrupt Controller (WIC), providing ultra-low power sleep
mode support
Memory Protection Unit (MPU)
An optional MPU for memory protection, including:
Eight memory regions
Sub Region Disable (SRD), enabling efficient use of memory regions
The ability to enable a background region that implements the default memory
map attributes
Cross Trigger Interface Unit
The optional CTI enables the debug logic, Micro Trace Buffer (MTB), and ETM to interact
with each other and with other CoreSight components.
Debug and Trace
Low-cost debug solution that features:
Debug access to all memory and registers in the system, including access to memory
mapped devices, access to internal core registers when the core is halted, and access
to debug control registers even while SYSRESETn is asserted
Serial Wire Debug Port (SW-DP) or Serial Wire JTAG Debug Port (SWJ-DP) debug
access, or both
Optional Flash Patch and Breakpoint (FPB) unit for implementing breakpoints
and code patches
Optional Data Watchpoint and Trace (DWT) unit for implementing watchpoints,
data tracing, and system profiling



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com