Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CORTEX-M3 Datasheet(PDF) 5 Page - Arm Limited (or its affiliates).

Part # CORTEX-M3
Description  Arm Cortex-M3 Datasheet
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARM [Arm Limited (or its affiliates).]
Direct Link  https://www.arm.com/
Logo ARM - Arm Limited (or its affiliates).

CORTEX-M3 Datasheet(HTML) 5 Page - Arm Limited (or its affiliates).

  CORTEX-M3 Datasheet HTML 1Page - Arm Limited (or its affiliates). CORTEX-M3 Datasheet HTML 2Page - Arm Limited (or its affiliates). CORTEX-M3 Datasheet HTML 3Page - Arm Limited (or its affiliates). CORTEX-M3 Datasheet HTML 4Page - Arm Limited (or its affiliates). CORTEX-M3 Datasheet HTML 5Page - Arm Limited (or its affiliates). CORTEX-M3 Datasheet HTML 6Page - Arm Limited (or its affiliates). CORTEX-M3 Datasheet HTML 7Page - Arm Limited (or its affiliates). CORTEX-M3 Datasheet HTML 8Page - Arm Limited (or its affiliates). CORTEX-M3 Datasheet HTML 9Page - Arm Limited (or its affiliates). Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5
Optional Instrumentation Trace Macrocell (ITM) for support of printf style debugging
Optional Trace Port Interface Unit (TPIU) for bridging to a Trace Port Analyzer (TPA),
including Single Wire Output (SWO) mode
Optional Embedded Trace Macrocell (ETM) for instruction trace
ETM interface
The ETM interface enables simple connection of an ETM to the processor. It provides a
channel for instruction trace to the ETM.
AHB Trace Macrocell interface
The AHB Trace Macrocell (HTM) interface enables a simple connection of the AHB
trace macrocell to the processor. It provides a channel for the data trace to the HTM.
Your implementation must include this interface to use the HTM interface. You must
set TRCENA to 1 in the Debug Exception and Monitor Control Register (DEMCR) before
you enable the HTM to enable the HTM port to supply trace data.
Bus interfaces
Three Advanced High-performance Bus-Lite (AHB-Lite) interfaces: ICode, DCode,
and System bus interfaces
Private Peripheral Bus (PPB) based on Advanced Peripheral Bus (APB) interface
Bit-band support that includes atomic bit-band write and read operations
Memory access alignment
Write buffer for buffering of write data
Exclusive access transfers for multiprocessor systems
Debug port AHB-AP interface
The processor contains an Advanced High-performance Bus Access Port (AHB-AP) interface
for debug accesses. An external Debug Port (DP) component accesses this interface.
The Cortex-M3 system supports three possible DP implementations:
Serial Wire JTAG Debug Port (SWJ-DP)
— The SWJ-DP is a standard CoreSight debug port that combines JTAG-DP
and Serial Wire Debug Port (SW-DP).
SW-DP
— This provides a two-pin interface to the AHB-AP port.
No DP present
— If no debug functionality is present within the processor, a DP is not required.
The two DP implementations provide different mechanisms for debug access to the
processor. Your implementation must contain only one of these components.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com