Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CORTEX-M3 Datasheet(PDF) 1 Page - Arm Limited (or its affiliates).

Part # CORTEX-M3
Description  Arm Cortex-M3 Datasheet
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARM [Arm Limited (or its affiliates).]
Direct Link  https://www.arm.com/
Logo ARM - Arm Limited (or its affiliates).

CORTEX-M3 Datasheet(HTML) 1 Page - Arm Limited (or its affiliates).

  CORTEX-M3 Datasheet HTML 1Page - Arm Limited (or its affiliates). CORTEX-M3 Datasheet HTML 2Page - Arm Limited (or its affiliates). CORTEX-M3 Datasheet HTML 3Page - Arm Limited (or its affiliates). CORTEX-M3 Datasheet HTML 4Page - Arm Limited (or its affiliates). CORTEX-M3 Datasheet HTML 5Page - Arm Limited (or its affiliates). CORTEX-M3 Datasheet HTML 6Page - Arm Limited (or its affiliates). CORTEX-M3 Datasheet HTML 7Page - Arm Limited (or its affiliates). CORTEX-M3 Datasheet HTML 8Page - Arm Limited (or its affiliates). CORTEX-M3 Datasheet HTML 9Page - Arm Limited (or its affiliates). Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1
Arm Cortex-M3 Datasheet
Datasheet
Overview
The Cortex-M3 processor is specifically developed for high-performance, low-cost platforms
for a broad range of devices including microcontrollers, automotive body systems, industrial
control systems and wireless networking and sensors.
Features
Feature
Description
Architecture
Armv7-M
Bus Interface
3x AMBA AHB-Lite interface (Harvard bus architecture)
AMBA ATB interface for CoreSight debug components
ISA Support
Thumb/Thumb-2 subset
Pipeline
Three-stage
Memory Protection
Optional 8 region MPU with sub regions
and background region
Bit Manipulation
Integrated Bit-field Processing Instructions
and Bus Level Bit Banding
Interrupts
Non-maskable Interrupt (NMI) + 1 to 240 physical interrupts
Interrupt Priority Levels
8 to 256 priority levels
Wake-up Interrupt
Controller
Optional
Enhanced Instructions
Hardware Divide (2-12 Cycles), Single-Cycle (32x32) Multiply,
Saturated Adjustment Support
Sleep Modes
Integrated WFI and WFE Instructions and Sleep On Exit capability
Sleep and Deep Sleep Signals
Optional Retention Mode with Arm Power Management Kit
Debug
Optional JTAG and Serial Wire Debug ports. Up to 8
Breakpoints and 4 Watchpoints
Trace
Optional Instruction (ETM), Data Trace (DWT), and
Instrumentation Trace (ITM)
Figure 1: Block diagram
of the Cortex-M3 processor


Similar Part No. - CORTEX-M3

ManufacturerPart #DatasheetDescription
logo
Arm Limited (or its aff...
CORTEX-M33 ARM-CORTEX-M33 Datasheet
1Mb / 13P
Arm Cortex-M33 Processor Datasheet
More results

Similar Description - CORTEX-M3

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LPC1766 ETC2-LPC1766 Datasheet
1Mb / 70P
32-bit ARM Cortex-M3 microcontroller;
logo
ATMEL Corporation
ATSAM3S ATMEL-ATSAM3S Datasheet
1Mb / 65P
AT91 ARM Cortex M3-based Processor
logo
NXP Semiconductors
LPC178X NXP-LPC178X Datasheet
1Mb / 117P
32-bit ARM Cortex-M3 microcontroller
Rev. 2-27 May 2011
UM10430 PHILIPS-UM10430 Datasheet
7Mb / 1164P
LPC18xx ARM Cortex-M3 microcontroller
Rev. 00.13-20 July 2011
logo
Silicon Laboratories
EFM32G840F128 SILABS-EFM32G840F128 Datasheet
1Mb / 71P
ARM Cortex-M3 CPU platform
EFM32G SILABS-EFM32G Datasheet
3Mb / 205P
ARM Cortex-M3 at 32 MHz
EFM32JG12 SILABS-EFM32JG12 Datasheet
2Mb / 123P
ARM Cortex-M3 at 40 MHz
logo
Maxim Integrated Produc...
MAX32552 MAXIM-MAX32552 Datasheet
326Kb / 3P
DeepCover Secure Arm Cortex-M3 Flash Microcontroller
Rev 4; 6/19
MAX32560 MAXIM-MAX32560 Datasheet
348Kb / 2P
DeepCover Secure Arm Cortex-M3 Flash Microcontroller
Rev 4; 6/19
MAX32561 MAXIM-MAX32561 Datasheet
320Kb / 2P
DeepCover Secure Arm Cortex-M3 Flash Microcontroller
Rev 1; 10/19
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com