Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CORTEX-M3 Datasheet(PDF) 7 Page - Arm Limited (or its affiliates).

Part # CORTEX-M3
Description  Arm Cortex-M3 Datasheet
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARM [Arm Limited (or its affiliates).]
Direct Link  https://www.arm.com/
Logo ARM - Arm Limited (or its affiliates).

CORTEX-M3 Datasheet(HTML) 7 Page - Arm Limited (or its affiliates).

Back Button CORTEX-M3 Datasheet HTML 2Page - Arm Limited (or its affiliates). CORTEX-M3 Datasheet HTML 3Page - Arm Limited (or its affiliates). CORTEX-M3 Datasheet HTML 4Page - Arm Limited (or its affiliates). CORTEX-M3 Datasheet HTML 5Page - Arm Limited (or its affiliates). CORTEX-M3 Datasheet HTML 6Page - Arm Limited (or its affiliates). CORTEX-M3 Datasheet HTML 7Page - Arm Limited (or its affiliates). CORTEX-M3 Datasheet HTML 8Page - Arm Limited (or its affiliates). CORTEX-M3 Datasheet HTML 9Page - Arm Limited (or its affiliates). CORTEX-M3 Datasheet HTML 10Page - Arm Limited (or its affiliates).  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
7
Feature
Options
Number of interrupts
Specifies number of interrupts (1-240 interrupts)
Levels of interrupt priority
Between 3 and 8 bits of interrupt priority, between 8 and 256 levels
of priority
MPU present
No MPU
MPU present
Bit Banding
Specifies whether bit-banding is present
AHB control
Specifies whether AB-Lite buses maintain control information during
wait stated transfers
Debug level
Specifies the level of debug support (0 to 3)
Trace level
Specifies the level of trace support (0 to 3)
Reset all registers
Specifies whether all synchronous state or only architecturally re-
quired state is reset
JTAG present
Enables or disables the JTAG portion of the debug port
Clock Gate present
Specifies whether architectural clock gates are included
Observation
Enables observation of internal state of the processor
WIC present
Specifies whether a WIC is present
WIC lines
Number of WIC lines (minimum 2)
Processor Configuration Options
The Cortex-M3 processor has configurable options that you can set during the
implementation and integration stages to match your functional requirements.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com