Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CORTEX-M4 Datasheet(PDF) 2 Page - Arm Limited (or its affiliates).

Part # CORTEX-M4
Description  Arm Cortex-M4 Datasheet
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARM [Arm Limited (or its affiliates).]
Direct Link  https://www.arm.com/
Logo ARM - Arm Limited (or its affiliates).

CORTEX-M4 Datasheet(HTML) 2 Page - Arm Limited (or its affiliates).

  CORTEX-M4 Datasheet HTML 1Page - Arm Limited (or its affiliates). CORTEX-M4 Datasheet HTML 2Page - Arm Limited (or its affiliates). CORTEX-M4 Datasheet HTML 3Page - Arm Limited (or its affiliates). CORTEX-M4 Datasheet HTML 4Page - Arm Limited (or its affiliates). CORTEX-M4 Datasheet HTML 5Page - Arm Limited (or its affiliates). CORTEX-M4 Datasheet HTML 6Page - Arm Limited (or its affiliates). CORTEX-M4 Datasheet HTML 7Page - Arm Limited (or its affiliates). CORTEX-M4 Datasheet HTML 8Page - Arm Limited (or its affiliates). CORTEX-M4 Datasheet HTML 9Page - Arm Limited (or its affiliates). Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
About the Processor
The Cortex-M4 processor is a low-power processor that features low gate count,
low interrupt latency, and low-cost debug. The Cortex-M4 with FPU is a
processor with the same capability as the Cortex-M4 processor and includes
floating-point arithmetic functionality. Both processors are intended for deeply
embedded applications that require fast interrupt response features.
The Cortex-M4 processor includes:
A processor core
A Nested Vectored Interrupt Controller (NVIC) closely integrated with the processor
core to achieve low latency interrupt processing
Multiple high-performance bus interfaces
A low-cost debug solution with the optional ability to:
— Implement breakpoints and code patches
— Implement watchpoints, tracing, and system profiling
— Support printf style debugging
— Bridge to a Trace Port Analyzer (TPA)
An optional Memory Protection Unit (MPU)
A Floating Point Unit (FPU) in the Cortex-M4 with FPU processor
Block Diagram
Figure 2: Cortex-M4 processor components



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com