Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CORTEX-M4 Datasheet(PDF) 1 Page - Arm Limited (or its affiliates).

Part # CORTEX-M4
Description  Arm Cortex-M4 Datasheet
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARM [Arm Limited (or its affiliates).]
Direct Link  https://www.arm.com/
Logo ARM - Arm Limited (or its affiliates).

CORTEX-M4 Datasheet(HTML) 1 Page - Arm Limited (or its affiliates).

  CORTEX-M4 Datasheet HTML 1Page - Arm Limited (or its affiliates). CORTEX-M4 Datasheet HTML 2Page - Arm Limited (or its affiliates). CORTEX-M4 Datasheet HTML 3Page - Arm Limited (or its affiliates). CORTEX-M4 Datasheet HTML 4Page - Arm Limited (or its affiliates). CORTEX-M4 Datasheet HTML 5Page - Arm Limited (or its affiliates). CORTEX-M4 Datasheet HTML 6Page - Arm Limited (or its affiliates). CORTEX-M4 Datasheet HTML 7Page - Arm Limited (or its affiliates). CORTEX-M4 Datasheet HTML 8Page - Arm Limited (or its affiliates). CORTEX-M4 Datasheet HTML 9Page - Arm Limited (or its affiliates). Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1
Arm Cortex-M4 Datasheet
Datasheet
Overview
The Cortex-M4 processor is developed to address digital signal control markets that demand
an efficient, easy-to-use blend of control and signal processing capabilities. The combination
of high-efficiency signal processing functionality with the low-power, low-cost and ease-of-
use benefits of the Cortex-M family of processors satisfies many markets. These industries
include motor control, automotive, power management, embedded audio and industrial
automation markets.
Features
Feature
Description
Architecture
Armv7E-M
Bus Interface
3x AMBA AHB-Lite interface (Harvard bus architecture)
AMBA ATB interface for CoreSight debug components
ISA Support
Thumb/Thumb-2
Pipeline
3-stage + branch speculation
DSP Extension
Single-cycle 16/32-bit MAC
Single-cycle dual 16-bit MAC
8/16-bit SIMD arithmetic
Hardware Divide (2-12 cycles)
Floating-Point Unit
Optional single precision floating point unit (FPU)
IEEE 754 compliant
Memory Protection
Optional 8-region MPU with sub regions
and background region
Bit Manipulation
Integrated Bit Field Processing Instructions
& Bus Level Bit Banding
Interrupts
Non-maskable interrupt (NMI) + 1 to 240 physical interrupts
Interrupt Priority Levels
8 to 256 priority levels
Wake-up Interrupt
Controller
Optional
Sleep Modes
Integrated WFI and WFE Instructions and Sleep On Exit capability
Sleep & Deep Sleep Signals
Optional Retention Mode with Arm Power Management Kit
Debug
Optional JTAG and Serial Wire Debug ports
Up to 8 Breakpoints and 4 Watchpoints
Trace
Optional Instruction Trace (ETM), Data Trace (DWT),
and Instrumentation Trace (ITM)
Figure 1: Block diagram
of the Cortex-M4 processor


Similar Part No. - CORTEX-M4

ManufacturerPart #DatasheetDescription
logo
Arm Limited (or its aff...
CORTEX-M0 ARM-CORTEX-M0 Datasheet
1Mb / 7P
Arm Cortex-M0 Processor Datasheet
CORTEX-M23 ARM-CORTEX-M23 Datasheet
1Mb / 9P
Arm Cortex-M23 Processor Datasheet
CORTEX-M3 ARM-CORTEX-M3 Datasheet
4Mb / 10P
Arm Cortex-M3 Datasheet
CORTEX-M33 ARM-CORTEX-M33 Datasheet
1Mb / 13P
Arm Cortex-M33 Processor Datasheet
CORTEX-M55 ARM-CORTEX-M55 Datasheet
3Mb / 12P
Arm Cortex-M55 Processor Datasheet
More results

Similar Description - CORTEX-M4

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LPC408X-7X NXP-LPC408X-7X Datasheet
2Mb / 123P
32-bit ARM Cortex-M4 MCU;
Rev. 1-17 September 2012
logo
Analog Devices
ADSP-CM402F AD-ADSP-CM402F Datasheet
2Mb / 84P
Mixed-Signal Control Processor with ARM Cortex-M4
Rev. PrE
logo
Renesas Technology Corp
S3A7 RENESAS-S3A7 Datasheet
1Mb / 133P
32-bit ARM Cortex-M4 microcontroller
S7G2 RENESAS-S7G2 Datasheet
1Mb / 116P
32-bit ARM Cortex-M4 microcontroller
logo
Silicon Laboratories
EFM32PG12 SILABS-EFM32PG12 Datasheet
2Mb / 123P
ARM Cortex-M4 at 40 MHz
logo
NXP Semiconductors
LPC540XX NXP-LPC540XX Datasheet
3Mb / 168P
32-bit ARM Cortex-M4 microcontroller
Rev. 1.8-22 June 2018
LPC546XX NXP-LPC546XX Datasheet
3Mb / 169P
32-bit ARM Cortex-M4 microcontroller
Rev. 2.5-20 June 2018
LPC5411X NXP-LPC5411X Datasheet
2Mb / 105P
32-bit ARM Cortex-M4/M0 MCU
Rev. 2.1-9 May 2018
logo
Maxim Integrated Produc...
MAX32520 MAXIM-MAX32520 Datasheet
279Kb / 29P
ChipDNA Secure Arm Cortex M4 Microcontroller
Rev 0; 6/19
logo
Infineon Technologies A...
XMC4100 INFINEON-XMC4100_V01 Datasheet
2Mb / 93P
ARM® Cortex®-M4 32-bit processor core
V1.4 2018-09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com