Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CORTEX-M4 Datasheet(PDF) 5 Page - Arm Limited (or its affiliates).

Part # CORTEX-M4
Description  Arm Cortex-M4 Datasheet
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARM [Arm Limited (or its affiliates).]
Direct Link  https://www.arm.com/
Logo ARM - Arm Limited (or its affiliates).

CORTEX-M4 Datasheet(HTML) 5 Page - Arm Limited (or its affiliates).

  CORTEX-M4 Datasheet HTML 1Page - Arm Limited (or its affiliates). CORTEX-M4 Datasheet HTML 2Page - Arm Limited (or its affiliates). CORTEX-M4 Datasheet HTML 3Page - Arm Limited (or its affiliates). CORTEX-M4 Datasheet HTML 4Page - Arm Limited (or its affiliates). CORTEX-M4 Datasheet HTML 5Page - Arm Limited (or its affiliates). CORTEX-M4 Datasheet HTML 6Page - Arm Limited (or its affiliates). CORTEX-M4 Datasheet HTML 7Page - Arm Limited (or its affiliates). CORTEX-M4 Datasheet HTML 8Page - Arm Limited (or its affiliates). CORTEX-M4 Datasheet HTML 9Page - Arm Limited (or its affiliates). Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5
Bus interfaces
Three Advanced High-performance Bus-Lite (AHB-Lite) interfaces: ICode, DCode,
and System bus interfaces
Private Peripheral Bus (PPB) based on Advanced Peripheral Bus (APB) interface
Bit-band support that includes atomic bit-band write and read operations
Memory access alignment
Write buffer for buffering of write data
Exclusive access transfers for multiprocessor systems
Debug port AHB-AP interface
The processor contains an Advanced High-performance Bus Access Port (AHB-AP) interface
for debug accesses. An external Debug Port (DP) component accesses this interface.
The Cortex-M4 system supports three possible DP implementations:
Serial Wire JTAG Debug Port (SWJ-DP)
— The SWJ-DP is a standard CoreSight debug port that combines JTAG-DP
and Serial Wire Debug Port (SW-DP).
SW-DP
— This provides a two-pin interface to the AHB-AP port.
No DP present
— If no debug functionality is present within the processor, a DP is not required.
The two DP implementations provide different mechanisms for debug access
to the processor. Your implementation must contain only one of these components. 
Figure 3: Cortex-M4
processor pipeline
Cortex-M4 Pipeline



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com