Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CORTEX-M4 Datasheet(PDF) 8 Page - Arm Limited (or its affiliates).

Part # CORTEX-M4
Description  Arm Cortex-M4 Datasheet
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARM [Arm Limited (or its affiliates).]
Direct Link  https://www.arm.com/
Logo ARM - Arm Limited (or its affiliates).

CORTEX-M4 Datasheet(HTML) 8 Page - Arm Limited (or its affiliates).

Back Button CORTEX-M4 Datasheet HTML 2Page - Arm Limited (or its affiliates). CORTEX-M4 Datasheet HTML 3Page - Arm Limited (or its affiliates). CORTEX-M4 Datasheet HTML 4Page - Arm Limited (or its affiliates). CORTEX-M4 Datasheet HTML 5Page - Arm Limited (or its affiliates). CORTEX-M4 Datasheet HTML 6Page - Arm Limited (or its affiliates). CORTEX-M4 Datasheet HTML 7Page - Arm Limited (or its affiliates). CORTEX-M4 Datasheet HTML 8Page - Arm Limited (or its affiliates). CORTEX-M4 Datasheet HTML 9Page - Arm Limited (or its affiliates). CORTEX-M4 Datasheet HTML 10Page - Arm Limited (or its affiliates).  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
8
DMIPS
CoreMark/MHz
1.25
3.42
Configuration
90LP
(7-track, RVt, typical
1.2V, 25°C)
65LP
(8 Track , RVt, typical
1.2V, 25°C)
40LP
(9 Track, RVt, typical
1.1v, 25°C)
28HPM
(9-track, HVt, typical
0.9v, 85°C)
Area
mm2
Power
µW/MHz
Area
mm2
Power
µW/MHz
Area
mm2
Power
µW/MHz
Area
mm2
Power
µW/MHz
Minimum
Configuration*
0.119
32.82
0.076
26.40
0.028
12.26
0.020
8.47
Feature Rich**
0.304
41.47
0.201
35.54
0.082
15.48
0.053
11.20
Max Freq
40LP
(9-track RVt, typical 1.1v, 25C)
28HPM
(12track , LVt, typical 0.9v, 85°C)
Feature Rich Configuration** 223MHz
822MHz
Power, Performance and Area
* MPU_PRESENT 0; NUM_IRQ 1; LVL_WIDTH 3; TRACE_LVL 0; DEBUG_LVL 0; JTAG_
PRESENT 0; CLKGATE_PRESENT 1; RESET_ALL_REGS 0; WIC_PRESENT 0; WIC_LINES 3;
BB_PRESENT 0; CONST_AHB_CTRL 0; FPU_PRESENT 0;
** MPU_PRESENT 1; NUM_IRQ 64; LVL_WIDTH 3; TRACE_LVL 2; DEBUG_LVL 3; JTAG_
PRESENT 0; CLKGATE_PRESENT 1; RESET_ALL_REGS 0; WIC_PRESENT 1; WIC_LINES
67; BB_PRESENT 0; CONST_AHB_CTRL 0; FPU_PRESENT 1;



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com