Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P6DF-F4B Datasheet(PDF) 1 Page - Omron Electronics LLC

Part # P6DF-F4B
Description  Terminal Relay
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

P6DF-F4B Datasheet(HTML) 1 Page - Omron Electronics LLC

  P6DF-F4B Datasheet HTML 1Page - Omron Electronics LLC P6DF-F4B Datasheet HTML 2Page - Omron Electronics LLC P6DF-F4B Datasheet HTML 3Page - Omron Electronics LLC P6DF-F4B Datasheet HTML 4Page - Omron Electronics LLC P6DF-F4B Datasheet HTML 5Page - Omron Electronics LLC P6DF-F4B Datasheet HTML 6Page - Omron Electronics LLC P6DF-F4B Datasheet HTML 7Page - Omron Electronics LLC P6DF-F4B Datasheet HTML 8Page - Omron Electronics LLC P6DF-F4B Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
1
New Product
Terminal Relay
G6D-F4PU/G3DZ-F4PU (Push-In Plus Technology)
G6D-F4B/G3DZ-F4B (Screw Terminal)
Model with Push-In Plus technology Added
to Terminal Relays
with Four-point Output Lineup
• Realized 5 A rating by optimal designs for wide variety of applications
(Push-In Plus technology).
• Push-In Plus terminal enables work reduction and requires no
retightening.
• Short Bars (order separately) ensure easy common wiring and
crossover wiring to adjacent terminal relays.
• Double wire method enables branch wiring (Push-In Plus technology)
• Each relay has independent coils and contacts for PLC output
compatible (both NPN and PNP).
• Mechanical Relay models and power MOS FET relay models
(for high frequency contact ratings) are available.
• LED operation indicator, diode for coil surge absorption, and tools for
easy removal of relays are included as standard equipment.
• UL and CSA certification for standard models.
VDE certification for Screws terminal, TÜV certification for Push-In Plus terminal.
IP20 protection code for Push-In Plus models.
Features (G6D-F4PU/G3DZ-F4PU (Model with Push-In Plus technology))
For the most recent information on models that have been
certified for safety standards, refer to your OMRON website.
Refer to Safety Precautions on page 12.
G6D-F4PU
G3DZ-F4PU
G6D-F4B
G3DZ-F4B
NEW
Independent circuit for PLC output
in both NPN and PNP
Branch wiring with double wire
method
Short Bars enable common wiring
LED operation
indicator
Tools for
removal
Easy common wiring with Short Bars
*
Connector terminal box, etc.
Operating panel of each device, etc.
Control box, etc.
Wide Variety of Application
G2RV-SR
G6D-F4PU
G2RV-SR
G70V
1 point
4 point
8 point
16 point
Applicable to Various Number of I/O Points
Rated load:
3A
Rated load:
5A
Rated load:
5A
Width: 31 mm
Width: 31 mm
Width: 43 mm
G6D-F4B
(Screw)
G6D-F4PU
(Push-In Plus technology)
G6B-4BND
(Screw)
Slimmer Width Yet Larger Power Supply Capacity
Pursuing High Usability
Larger
current
capacity by
approx.
67%
Slimmer
width by
approx.
30%
Short Hight for Installation in Narrow Spaces
*
Value Design for Panel
Our shared concept “Value Design for Panel” for the specifications of products used in control panels (hereinafter called “Value Design”) will create new
value to your control panels. Combining multiple products that share the Value Design concept will further increase the value provided to control panels.


Similar Part No. - P6DF-F4B

ManufacturerPart #DatasheetDescription
logo
PREMO CORPORATION S.L
P6D PREMO-P6D Datasheet
411Kb / 4P
Coils and Chokes for general use
logo
SHENZHEN FUMAN ELECTRON...
P6D FUMAN-P6D Datasheet
244Kb / 5P
Apple Headphone Cable Dedicated IC
logo
Omron Electronics LLC
P6D-04P OMRON-P6D-04P Datasheet
287Kb / 6P
Solid State Relay
P6D-04P OMRON-P6D-04P Datasheet
125Kb / 4P
Power PCB Relay
logo
PREMO CORPORATION S.L
P6D-100K PREMO-P6D-100K Datasheet
411Kb / 4P
Coils and Chokes for general use
More results

Similar Description - P6DF-F4B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2967086 ETC2-2967086 Datasheet
140Kb / 8P
PLC relay, consisting of base terminal block PLCBSC
logo
fujitsu semiconductor
FTR-K1-17A FUJITSU-FTR-K1-17A Datasheet
603Kb / 8P
POWER RELAY 1 POLE - 17A Tab Terminal
logo
Omron Electronics LLC
G6B-4-C OMRON-G6B-4-C Datasheet
263Kb / 6P
Compact Terminal Relay with 4 Independent Outputs
G6B-48BND-DC24 OMRON-G6B-48BND-DC24 Datasheet
263Kb / 6P
Compact Terminal Relay with 4 Independent Outputs
G6C-4BN-DC24 OMRON-G6C-4BN-DC24 Datasheet
152Kb / 9P
Terminal Relay
G6B4SB OMRON-G6B4SB Datasheet
263Kb / 6P
Terminal Relay
logo
PHOENIX CONTACT
2861881 PHOENIX-2861881 Datasheet
400Kb / 15P
Inline Terminal With One SPDT Relay Contact
2862181 PHOENIX-2862181 Datasheet
361Kb / 18P
Inline Terminal With Four Relay Changeover Contacts
103247 PHOENIX-103247 Datasheet
178Kb / 4P
Basic Terminal Block for Fitting With Solid-State Relay or Electromechanical Relay
logo
WAGO Kontakttechnik Gmb...
859-302 WAGO-859-302_V01 Datasheet
98Kb / 1P
Rail-Mounted Terminal Blocks with Miniature Switching Relay
14.01.2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com