Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P6DF-F4B Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # P6DF-F4B
Description  Terminal Relay
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

P6DF-F4B Datasheet(HTML) 2 Page - Omron Electronics LLC

  P6DF-F4B Datasheet HTML 1Page - Omron Electronics LLC P6DF-F4B Datasheet HTML 2Page - Omron Electronics LLC P6DF-F4B Datasheet HTML 3Page - Omron Electronics LLC P6DF-F4B Datasheet HTML 4Page - Omron Electronics LLC P6DF-F4B Datasheet HTML 5Page - Omron Electronics LLC P6DF-F4B Datasheet HTML 6Page - Omron Electronics LLC P6DF-F4B Datasheet HTML 7Page - Omron Electronics LLC P6DF-F4B Datasheet HTML 8Page - Omron Electronics LLC P6DF-F4B Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
G6D-F4PU/G3DZ-F4PU/G6D-F4B/G3DZ-F4B
2
Ordering Information
 Main unit
Model with Push-In Plus technology
Model with Screw Terminal
 Accessories (Order Separately)
Connection socket (single sales available)
G6D-F4PU/G3DZ-F4PU (Model with Push-In Plus technology)
G6D-F4B/G3DZ-F4B (Models with Screw terminal)
Note: 1.
Connection socket P6DF-F4B as a single part is not certified by safety standards individually.
2.
Single socket which does not mount a relay (with cover)
.
Short Bar (G6D-F4PU/G3DZ-F4PU (Model with Push-In Plus technology))
Note:
Use the Short Bars for crossover wiring within one Socket or between Sockets.
*1.
Replace the box (@) in the model number with the code for the covering color. Selection of the box (@): R=Red, S=Blue, Y=Yellow
Short Bar (G6D-F4B/G3DZ-F4B (Model with Screw Terminal))
Mounted Relay type
Contact form
Model
Operation coil ratings
Mechanical Relay
SPST x 4
(1NO x 4)
G6D-F4PU
12 VDC
24 VDC
Power MOS FET relay
G3DZ-F4PU
12 VDC
24 VDC
Mounted Relay type
Contact form
Model
Operation coil ratings
Mechanical Relay models
SPST x 4
(1NO x 4)
G6D-F4B
12 VDC
24 VDC
Power MOS FET relay
G3DZ-F4B
12 VDC
24 VDC
Model
Operation coil ratings
P6DF-F4PU
12 VDC
24 VDC
Model
Operation coil ratings
P6DF-F4B
12 VDC
24 VDC
Pitch
Applicable models
Number of
poles
Color
Model
*1
7.75 mm
G6D-F4PU
G3DZ-F4PU
P6DF-F4PU
2
Red (R)
Blue (S)
Yellow (Y)
PYDN-7.75-020@
3
PYDN-7.75-030@
4
PYDN-7.75-040@
20
PYDN-7.75-200@
Applicable Terminal
Relay Model
Model
G6D-F4B
G6D-4-SB
G3DZ-F4B
When your order, specify the rated voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com