Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P6DF-F4B Datasheet(PDF) 3 Page - Omron Electronics LLC

Part # P6DF-F4B
Description  Terminal Relay
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

P6DF-F4B Datasheet(HTML) 3 Page - Omron Electronics LLC

  P6DF-F4B Datasheet HTML 1Page - Omron Electronics LLC P6DF-F4B Datasheet HTML 2Page - Omron Electronics LLC P6DF-F4B Datasheet HTML 3Page - Omron Electronics LLC P6DF-F4B Datasheet HTML 4Page - Omron Electronics LLC P6DF-F4B Datasheet HTML 5Page - Omron Electronics LLC P6DF-F4B Datasheet HTML 6Page - Omron Electronics LLC P6DF-F4B Datasheet HTML 7Page - Omron Electronics LLC P6DF-F4B Datasheet HTML 8Page - Omron Electronics LLC P6DF-F4B Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
G6D-F4PU/G3DZ-F4PU/G6D-F4B/G3DZ-F4B
3
Replacement Relay (G6D-F4PU/G3DZ-F4PU (Model with Push-In Plus technology))
Parts for DIN Track Mounting
*1.
When mounting support rail, please use End Plate (Model PFP-M).
Applicable Terminal Relay Model
Model
Operation coil ratings
G6D-F4PU/G6D-F4B
G6D-1A-ASI
12 VDC
24 VDC
G3DZ-F4PU/G3DZ-F4B
G3DZ-2R6PL
12 VDC
24 VDC
Appearance
Type
Model
DIN Tracks
1 m
PFP-100N
0.5 m
PFP-50N
End Plate *1
PFP-M
Spacer
PFP-S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com