Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P6DF-F4B Datasheet(PDF) 13 Page - Omron Electronics LLC

Part # P6DF-F4B
Description  Terminal Relay
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

P6DF-F4B Datasheet(HTML) 13 Page - Omron Electronics LLC

Back Button P6DF-F4B Datasheet HTML 7Page - Omron Electronics LLC P6DF-F4B Datasheet HTML 8Page - Omron Electronics LLC P6DF-F4B Datasheet HTML 9Page - Omron Electronics LLC P6DF-F4B Datasheet HTML 10Page - Omron Electronics LLC P6DF-F4B Datasheet HTML 11Page - Omron Electronics LLC P6DF-F4B Datasheet HTML 12Page - Omron Electronics LLC P6DF-F4B Datasheet HTML 13Page - Omron Electronics LLC P6DF-F4B Datasheet HTML 14Page - Omron Electronics LLC P6DF-F4B Datasheet HTML 15Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
G6D-F4PU/G3DZ-F4PU/G6D-F4B/G3DZ-F4B
13
• Insert Short Bars so that the protrusion part of a Short Bar comes
to the wire insertion side. If the Short Bar is inserted in the upside
down direction, the Short Bar may not be inserted securely.
Recommended Ferrules and Crimp Tools
Recommended ferrules
Note: 1.
Make sure that the outer diameter of the wire coating is
smaller than the inner diameter of the insulation sleeve of
the recommended ferrule.
2.
Make sure that the ferrule processing dimensions conform
to the following figures.
3.
Wires of AWG24 to AWG22/0.25 mm2 to 0.34 mm2 are not
certified by UL standard.
4.
Do not connect a ferrule for the applicable wires (AWG17 to
AWG16/1.25 mm2 to 1.5 mm2) with an adjacent terminal
insertion hole.
• Do not drop the Socket or subject it to abnormal vibration or shock
during transportation or mounting. Doing so may result in
deterioration of performance, malfunction, or failure.
• Use a power supply with low noise.
G6D-F4PU/G3DZ-F4PU (Model with Push-In
Plus technology)
1. Connecting Wires to the Push-In Plus Terminal
Part Names of the Terminal
Connecting Wires with Ferrules and Solid Wires
Insert the solid wire or ferrule straight into the terminal until the end
strikes the terminal.
• If a wire is difficult to connect because it is too thin, use a flat-blade
screwdriver in the same way as when connecting stranded wire.
Connecting Stranded Wires
Use the following procedure to connect the wires to the terminal.
1.
Hold a flat-blade screwdriver at an angle and insert it into the
release hole.
The angle should be between 10° and 15°. If the flat-blade
screwdriver is inserted correctly, you will feel the spring in the
release hole.
2.
With the flat-blade screwdriver still inserted into the release hole,
insert the wire into the terminal hole until it strikes the terminal.
3.
Remove the flat-blade screwdriver from the release hole.
Checking Connections
• After the insertion, pull gently on the wire to make sure that it will
not come off and the wire is securely fastened to the terminal.
• To prevent short circuits, insert the stripped part of a stranded or
solid wire or the conductor part of a ferrule until it is hidden inside
the terminal insertion hole.
• If you use recommended ferrules, part of the conductor may be
visible after the ferrule is inserted into the terminal, but the product
insulation distance will still be satisfied.
Applicable
wire
Ferrules
Conductor
length
(mm)
Stripping
length
[mm]
(Ferrules
used)
Recommended ferrules
(mm2) (AWG)
Manufactured
by Phoenix
Contact
Manufactured
by
Weidmuller
Manufactured
by Wago
0.25
24
8
10 AI0,25-8
H0.25/12
FE-0.25-8N-YE
10
12 AI0,25-10
---
---
0.34
22
8
10 AI0,34-8
H0.34/12
FE-0.34-8N-TQ
10
12 AI0,34-10
---
---
0.5
20
8
10 AI0,5-8
H0.5/14
FE-0.5-8N-WH
10
12 AI0,5-10
H0.5/16
FE-0.5-10N-WH
0.75
18
8
10 AI0,75-8
H0.75/14
FE-0.75-8N-GY
10
12 AI0,75-10
H0.75/16
FE-0.75-10N-GY
1/1.25 18/17
810 AI1-8
H1.0/14
FE-1.0-8N-RD
10
12 AI1-10
H1.0/16
FE-1.0-10N-RD
1.25/1.5 17/16
8
10 AI1,5-8
H1.5/14
FE-1.5-8N-BK
10
12 AI1,5-10
H1.5/16
FE-1.5-10N-BK
Recommended crimp tool
CRIMPFOX6
CRIMPFOX6T-F
CRIMPFOX10S
PZ6 roto
Variocrimp4
NG
OK
8 to 10 mm
1.9 mm max.
2.6 mm max.
Precautions for Correct Use
Release hole
Terminal (insertion) hole
Short bar insertion hole
Release hole
Terminal (insertion) hole
Ferrules or solid wires
(1)
(3)
(2)
(2)
Flat-blade
screwdriver
Stranded wires
10° to 15°
(1)
(3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com