Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F39-LSGA Datasheet(PDF) 71 Page - Omron Electronics LLC

Part # F39-LSGA
Description  Safety Light Curtain/Safety Multi-Light Beam
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

F39-LSGA Datasheet(HTML) 71 Page - Omron Electronics LLC

Back Button F39-LSGA Datasheet HTML 67Page - Omron Electronics LLC F39-LSGA Datasheet HTML 68Page - Omron Electronics LLC F39-LSGA Datasheet HTML 69Page - Omron Electronics LLC F39-LSGA Datasheet HTML 70Page - Omron Electronics LLC F39-LSGA Datasheet HTML 71Page - Omron Electronics LLC F39-LSGA Datasheet HTML 72Page - Omron Electronics LLC F39-LSGA Datasheet HTML 73Page - Omron Electronics LLC F39-LSGA Datasheet HTML 74Page - Omron Electronics LLC F39-LSGA Datasheet HTML 75Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 109 page
background image
71
Safety Light Curtain F3SG-SR Series IP69K Model
F3SG-SR-K
IP69K protection for high-pressure
wash-down applications
• Offers the same specifications and functionality as
F3SG-4SRB standard model.
Detection capability of 14- and 25-mm dia.
• Conforms to major international standards
Model Number Legend
IP69K Model F3SG-SR-K
Note: 1. The purpose of this model number legend is to provide understanding of the meaning of specifications from the model number.
Models are not available for all combinations of code numbers.
See Ordering Information on page 72 for details.
2. The bracket is not included. Order brackets sold separately.
3. Connection cables are integrated with the safety light curtain.
F3SG-SR-K
No.
Classification
Code
Meaning
Remarks
(1)
ESPE
4
Type 4
(2)
Function
B
Standard
(3)
Protective height
0320 - 1800
Protective height for finger protection (mm)
0320 - 1840
Protective height for hand protection (mm)
(4)
Detection capability
14
Finger protection (Detection capability: 14-mm dia.)
25
Hand protection (Detection capability: 25-mm dia.)
(5)
Option 1
Blank
Set of emitter and receiver
(6)
Option 2
K
Water/oil resistance IP69K
For the most recent information on models that have
been certified for safety standards, refer to your local
OMRON website.
F3SG-4SRB  -  -  - K
(1)
(2)
(3)
(4)
(5)
(6)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com