Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F39-LSGA Datasheet(PDF) 12 Page - Omron Electronics LLC

Part # F39-LSGA
Description  Safety Light Curtain/Safety Multi-Light Beam
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

F39-LSGA Datasheet(HTML) 12 Page - Omron Electronics LLC

Back Button F39-LSGA Datasheet HTML 8Page - Omron Electronics LLC F39-LSGA Datasheet HTML 9Page - Omron Electronics LLC F39-LSGA Datasheet HTML 10Page - Omron Electronics LLC F39-LSGA Datasheet HTML 11Page - Omron Electronics LLC F39-LSGA Datasheet HTML 12Page - Omron Electronics LLC F39-LSGA Datasheet HTML 13Page - Omron Electronics LLC F39-LSGA Datasheet HTML 14Page - Omron Electronics LLC F39-LSGA Datasheet HTML 15Page - Omron Electronics LLC F39-LSGA Datasheet HTML 16Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 109 page
background image
F3SG-SR/PG
12
[Conversion Cable: Converting Wiring for Existing Light Curtain]
Conversion Cable
Note: 1. Cables are not included with the safety light curtain/safety multi-light beam.
When connecting to the cables of the existing light curtain, order the conversion cables.
Conversion cables are only for PNP connection. To use for NPN, connect the 24 VDC line and the 0 VDC line in reverse. For details,
refer to User's Manual (Man. No. Z405).
2. Do not connect the Conversion Cable for the following purposes. Failure to do so may result in failure.
1. Connecting with the F39-SGIT-IL3, F39-GCNY2, F39-GCNY3 or F39-GCN5
2. Connecting between the F3SG-SR's
Appearance
Specifications
Type
Cable length
Model
Used to convert the wiring
for F3SJ-B/-A, F3SR-B or F3SN
Safety Light Curtain to that for the
F3SG-SR.
F3SJ-B/A Conversion Cable
For emitter
To sensor: dedicated connector 1,
To wires for F3SJ-B/-A, F3SR or F3SN:
M12 connector type (8 pin)
Color: Gray
0.3 m
F39-JGR3K-SJ-L
F3SJ-B/A Conversion Cable
For receiver
To sensor: dedicated connector 1,
To wires for F3SJ-B/-A, F3SR or F3SN:
M12 connector type (8 pin)
Color: Black
F39-JGR3K-SJ-D
Used to convert the wiring for F3SG-RE
Safety Light Curtain to that for the
F3SG-SR.
F3SG-RE Conversion Cable
For emitter
To sensor: dedicated connector 1,
To wires for F3SG-RE:
M12 connector type (4 pin)
Color: Gray
0.3 m
F39-JGR3K-RE-L
F3SG-RE Conversion Cable
For receiver
To sensor: dedicated connector 1,
To wires for F3SG-RE:
M12 connector type (4 pin)
Color: Black
F39-JGR3K-RE-D
Used to convert the wiring for MS4800
Safety Light Curtain to that for the
F3SG-SR.
MS48 Conversion Cable
For emitter
To sensor: dedicated connector 1,
To wires for MS4800:
M12 connector type (5 pin)
Color: Gray
0.3 m
F39-JGR3K-MS-L
MS48 Conversion Cable
For receiver
To sensor: dedicated connector 1,
To wires for MS4800:
M12 connector type (8 pin)
Color: Black
F39-JGR3K-MS-D
F3SG-SR Emitter
F39-JGR3K-
@@-L(Gray)
F3SG-SR Receiver
F39-JGR3K-
@@-D(Black)
Conversion Cable
F39-JGR3K-
@@
Cables of the existing light curtain



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com