Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7415CB Datasheet(PDF) 18 Page - STMicroelectronics

Part # TDA7415CB
Description  Car radio multimedia signal processor
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7415CB Datasheet(HTML) 18 Page - STMicroelectronics

Back Button TDA7415CB Datasheet HTML 14Page - STMicroelectronics TDA7415CB Datasheet HTML 15Page - STMicroelectronics TDA7415CB Datasheet HTML 16Page - STMicroelectronics TDA7415CB Datasheet HTML 17Page - STMicroelectronics TDA7415CB Datasheet HTML 18Page - STMicroelectronics TDA7415CB Datasheet HTML 19Page - STMicroelectronics TDA7415CB Datasheet HTML 20Page - STMicroelectronics TDA7415CB Datasheet HTML 21Page - STMicroelectronics TDA7415CB Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 50 page
background image
Description of the audio processor
TDA7415CB
18/50
5
Description of the audio processor
As can be seen from the block diagram in Figure 1, the Audio processor is composed of
three building blocks. - The INPUT-Section, the MAIN-SIGNAL-PROCESSING-path and the
OUTPUT-Section.
This chapter will give more insight into the different blocks and describe their function.
5.1
Input section
The Input-Section of the TDA7415CB incorporates three independent stereo signal paths,
where each can connect to a variety of inputs and the AC3 input from the Output-section for
monitoring purposes. For simplicity only the left inputs are shown.
After selection by the Main-, Sub-, and/or Auxiliary-source selector, the signal passes a
gain-adjust amplifier, a soft-mute stage and finally a buffer before it is output at the device
output-pins. The soft-mute circuit will be described later.
Figure 3.
Signal-flow input-section (the following soft-mute and output buffer are
not shown)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com