Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7415CB Datasheet(PDF) 36 Page - STMicroelectronics

Part # TDA7415CB
Description  Car radio multimedia signal processor
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7415CB Datasheet(HTML) 36 Page - STMicroelectronics

Back Button TDA7415CB Datasheet HTML 32Page - STMicroelectronics TDA7415CB Datasheet HTML 33Page - STMicroelectronics TDA7415CB Datasheet HTML 34Page - STMicroelectronics TDA7415CB Datasheet HTML 35Page - STMicroelectronics TDA7415CB Datasheet HTML 36Page - STMicroelectronics TDA7415CB Datasheet HTML 37Page - STMicroelectronics TDA7415CB Datasheet HTML 38Page - STMicroelectronics TDA7415CB Datasheet HTML 39Page - STMicroelectronics TDA7415CB Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 50 page
background image
Programming
TDA7415CB
36/50
7.1
Data byte specification
The status after power-on reset is marked bold face / underlined in the programming tables.
Table 14.
Main signal path input (addr. 00)
MSB
LSB
FUNCTION
D7
D6
D5
D4
D3
D2
D1
D0
0
0
0
0
0
1
1
1
1
1
0
0
:
1
1
1
1
:
0
0
0
0
:
1
1
1
1
:
0
0
0
0
:
1
1
1
1
:
0
0
0
1
:
0
1
1
0
:
1
0
Input gain adjust level
–15dB
–14dB
…
–1dB
–0dB
+0dB
+1dB
…
+14dB
+15dB
11
1
Unused, do not alter
Table 15.
Main signal path, bass-filter (addr. 01)
MSB
LSB
FUNCTION
D7
D6
D5
D4
D3
D2
D1
D0
0
0
:
1
1
0
0
:
1
1
0
0
:
1
1
0
1
:
0
1
Level
0dB
1dB
:
14dB
15dB
0
1
Boost / Cut
Boost
Cut
0
1
Soft-step
On
Off
0
0
1
1
0
1
0
1
Quality factor
1.00
1.25
1.50
2.00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com