Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7415CB Datasheet(PDF) 44 Page - STMicroelectronics

Part # TDA7415CB
Description  Car radio multimedia signal processor
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7415CB Datasheet(HTML) 44 Page - STMicroelectronics

Back Button TDA7415CB Datasheet HTML 40Page - STMicroelectronics TDA7415CB Datasheet HTML 41Page - STMicroelectronics TDA7415CB Datasheet HTML 42Page - STMicroelectronics TDA7415CB Datasheet HTML 43Page - STMicroelectronics TDA7415CB Datasheet HTML 44Page - STMicroelectronics TDA7415CB Datasheet HTML 45Page - STMicroelectronics TDA7415CB Datasheet HTML 46Page - STMicroelectronics TDA7415CB Datasheet HTML 47Page - STMicroelectronics TDA7415CB Datasheet HTML 48Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 50 page
background image
Programming
TDA7415CB
44/50
Table 28.
DC-detector and other output section settings (addr. 21)
MSB
LSB
FUNCTION
D7
D6
D5
D4
D3
D2
D1
D0
0
1
Line drivers gain
9dB
5.5dB
0
1
PAout0 (front) mute
No mute
Mute
0
1
PAout1 (rear) mute
No mute
Mute
0
1
DCError output behavior
Forced high level by mute; (1)
Normal operation, see description Chapter 5.5.
0
0
1
1
0
1
0
1
Zero-comparator Window size
± 100mV
± 75mV
± 50mV
± 25mV
0
0
1
1
0
1
0
1
Spike rejection time constant
11µs
22µs
33µs
44µs
1.
DCError output high for OUTsection signal paths 1&2 muted or all PAout muted



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com