Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7415CB Datasheet(PDF) 42 Page - STMicroelectronics

Part # TDA7415CB
Description  Car radio multimedia signal processor
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7415CB Datasheet(HTML) 42 Page - STMicroelectronics

Back Button TDA7415CB Datasheet HTML 38Page - STMicroelectronics TDA7415CB Datasheet HTML 39Page - STMicroelectronics TDA7415CB Datasheet HTML 40Page - STMicroelectronics TDA7415CB Datasheet HTML 41Page - STMicroelectronics TDA7415CB Datasheet HTML 42Page - STMicroelectronics TDA7415CB Datasheet HTML 43Page - STMicroelectronics TDA7415CB Datasheet HTML 44Page - STMicroelectronics TDA7415CB Datasheet HTML 45Page - STMicroelectronics TDA7415CB Datasheet HTML 46Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 50 page
background image
Programming
TDA7415CB
42/50
Table 25.
Output section, volume 0L, 0R, 1L, 1R, 2L, 2R (addr. 13-16, 18, 19)
MSB
LSB
FUNCTION
D7
D6
D5
D4
D3
D2
D1
D0
Volume level
0
0
0
1
1
:
0
1
:
1
1
:
0
Not allowed
00
0
1
1
:
0
0
0
0
:
0
0
0
0
:
0
0
1
0
:
1
0
+25dB
+24dB
…
+17dB
+16dB
00
1
1
1
:
0
0
1
1
:
0
0
1
1
:
0
0
1
0
:
1
0
+15dB
+14dB
…
+1dB
+0dB
01
0
0
0
:
1
1
0
0
:
1
1
0
0
:
1
1
0
1
:
0
1
–0dB
–1dB
…
–14dB
–15dB
01
1
0
0
:
1
1
0
0
:
1
1
0
0
:
1
1
0
1
:
0
1
–16dB
–17dB
…
–30dB
–31dB
10
0
0
0
:
1
1
0
0
:
1
1
0
0
:
1
1
0
1
:
0
1
–32dB
–33dB
…
–46dB
–47dB
10
1
0
0
:
1
1
0
0
:
1
1
0
0
:
1
1
0
1
:
0
1
–48dB
–49dB
…
–62dB
–63dB
11
0
0
0
:
1
1
0
0
:
1
1
0
0
:
1
1
0
1
:
0
1
–64dB
–65dB
…
–78dB
–79dB
11
1
X
X
X
X
Mute
0
1
Soft-step
On
Off



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com