| Electronic Components Datasheet Search |
|
BME690 Datasheet(PDF) 44 Page - Bosch Sensortec GmbH |
|
|
|||||||||||||||||||||||||||||
BME690 Datasheet(HTML) 44 Page - Bosch Sensortec GmbH |
|
44 / 60 page ![]() Bosch Sensortec | BME690 - Datasheet 44 | 60 © Bosch Sensortec GmbH 2025 | All rights reserved, also regarding any disposal, exploitation, reproduction, editing, distribution, Document number: BST-BME690-DS001-04 as well as in the event of applications for industrial property rights Status registers The measured data are stored into the output data registers at the end of each TPHG conversion phase along with status flags and index of measurement 5.3.6.1 New data status Register Name [Field] Address Content<bit position> Description meas_status [0] meas_status [1] meas_status [2] 0x1D 0x2E 0x3F new_data<7> New data flag indicate that data field contains a new data, not already read-out. 5.3.6.2 Gas measuring status Measuring bit is set to 1 only during gas measurements, goes to 0 as soon as measurement is completed and data transferred to data registers. The registers storing the configuration values for the measurement (gas_wait_shared, gas_wait_x, res_heat_x, idac_heat_x, image registers) should not be changed when the device is measuring. Register Name [Field] Address Content<bit position> Description meas_status [0] meas_status [1] meas_status [2] 0x1D 0x2E 0x3F gas_measuring<6> Gas measuring status flag 5.3.6.3 Measuring status Measuring status will be set to ‘1’ whenever a conversion (temperature, pressure, humidity and gas) is running and back to ‘0’ when the results have been transferred to the data registers. Register Name [Field] Address Content<bit position> Description meas_status [0] meas_status [1] meas_status [2] 0x1D 0x2E 0x3F measuring<5> Measuring status flag 5.3.6.4 Gas Measurement Index User can trigger a heater profile of up to 10 heater steps by setting nb_conv<3:0>(see 5.3.4.6). Each heater step in profile has specific heater temperature and heater-on time and gas_meas_index register stores index of heater step (up to 10 steps numbered from 0 to 9) corresponding to TPHG data Register Name [Field] Address Content<bit position> Description meas_status [0] meas_status [1] meas_status [2] 0x1D 0x2E 0x3F gas_meas_index_0<3:0> Gas measurement index 5.3.6.5 Gas valid status In each TPHG sequence in parallel mode contains a gas measurement slot, either a real one which result is used or a dummy one to keep a constant sampling rate and predictable device timing. A real gas conversion (i.e., not a dummy one) is indicated by the gas_valid_r status register. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |