Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BME680 Datasheet(PDF) 29 Page - Bosch Sensortec GmbH

Part # BME680
Description  Low power gas, pressure, temperature & humidity sensor
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BME680 Datasheet(HTML) 29 Page - Bosch Sensortec GmbH

Back Button BME680 Datasheet HTML 25Page - Bosch Sensortec GmbH BME680 Datasheet HTML 26Page - Bosch Sensortec GmbH BME680 Datasheet HTML 27Page - Bosch Sensortec GmbH BME680 Datasheet HTML 28Page - Bosch Sensortec GmbH BME680 Datasheet HTML 29Page - Bosch Sensortec GmbH BME680 Datasheet HTML 30Page - Bosch Sensortec GmbH BME680 Datasheet HTML 31Page - Bosch Sensortec GmbH BME680 Datasheet HTML 32Page - Bosch Sensortec GmbH BME680 Datasheet HTML 33Page - Bosch Sensortec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 53 page
background image
Bosch Sensortec | BME680 Datasheet
29 | 53
Modifications reserved |Data subject not change without notice | Printed in Germany
Document number: BST-BME680-DS001-09 Revision_1.9_022024
5.3 Register description
5.3.1 General control registers
5.3.1.1 SPI 3 wire interrupt enable – spi_3w_int_en
Register Name
Address
Content<bit position>
Description
ctrl_hum
0x72
spi_3w_int_en <6>
New data interrupt can be enabled if the device is in
SPI 3 wire mode and pi_3w_int_en=1.
The new data interrupt is then indicated on the SDO
pad.
5.3.1.2 SPI 3 wire enable – spi_3w_en
Register Name
Address
Content<bit position>
Description
config
0x75
spi_3w_en<0>
Enable SPI 3 wire mode
5.3.1.3 Mode Selection – mode
The operation modes of the sensor can be controlled by the register mode as specified below.
Register Name
Address
Content<bit position>
Description
ctrl_meas
0x74
mode<1:0>
Select sensor power mode as shown in the following
table
mode<1:0>
Mode
00
Sleep mode
01
Forced mode
5.3.1.4 SPI memory map page selection – spi_mem_page
In SPI mode complete memory page is accessed using page 0 & page 1. Register spi_mem_page is used for page selection.
After power-on, spi_mem_page is in its reset state and page 0(0x80 to 0xFF) will be active. Page1 (0x00 to 0x7F) will be
active on setting spi_mem_page. Please refer Table 19 for better understanding.
Register Name
Address
Content<bit position>
Description
status
0x73(Page 0/1)
spi_mem_page <4>
Selects memory map page in SPI mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com