Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BME680 Datasheet(PDF) 39 Page - Bosch Sensortec GmbH

Part # BME680
Description  Low power gas, pressure, temperature & humidity sensor
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BME680 Datasheet(HTML) 39 Page - Bosch Sensortec GmbH

Back Button BME680 Datasheet HTML 35Page - Bosch Sensortec GmbH BME680 Datasheet HTML 36Page - Bosch Sensortec GmbH BME680 Datasheet HTML 37Page - Bosch Sensortec GmbH BME680 Datasheet HTML 38Page - Bosch Sensortec GmbH BME680 Datasheet HTML 39Page - Bosch Sensortec GmbH BME680 Datasheet HTML 40Page - Bosch Sensortec GmbH BME680 Datasheet HTML 41Page - Bosch Sensortec GmbH BME680 Datasheet HTML 42Page - Bosch Sensortec GmbH BME680 Datasheet HTML 43Page - Bosch Sensortec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 53 page
background image
Bosch Sensortec | BME680 Datasheet
39 | 53
Modifications reserved |Data subject not change without notice | Printed in Germany
Document number: BST-BME680-DS001-09 Revision_1.9_022024
The I²C interface uses the following pins:
•
SCK:
serial clock (SCL)
•
SDI:
data (SDA)
•
SDO: Slave address LSB (GND = ‘0’, VDDIO = ‘1’)
CSB must be connected to VDDIO to select I²C interface. SDI is bi-directional with open drain to GND: it must be externally
connected to VDDIO via a pull up resistor. Refer to Chapter 7 for connection instructions.
The following abbreviations will be used in the I²C protocol figures:
•
S
Start
•
P
Stop
•
ACKS
Acknowledge by slave
•
ACKM
Acknowledge by master
•
NACKM
Not acknowledge by master
6.2.1 I²C write
Writing is done by sending the slave address in write mode (RW = ‘0’), resulting in slave address 111011X0 (‘X’ is determined
by state of SDO pin. Then the master sends pairs of register addresses and register data. The transaction is ended by a stop
condition. This is depicted in Picture 4.
Start
RW ACKS
ACKS
ACKS
1
1
1
0
1
1
X
0
1
0
1
0
0
0
0
0
bit7
bit6
bit5
bit4
bit3
bit2
bit1 bit0
…
ACKS
ACKS
Stop
…
1
0
1
0
0
0
0
1
bit7
bit6
bit5
bit4
bit3
bit2
bit1 bit0
Register data - address A0h
Register address (A0h)
Register address (A1h)
S
Slave Address
Control byte
Data byte
Control byte
Data byte
P
Register data - address A1h
Picture 4: I²C multiple byte write (not auto-incremented)
6.2.2 I²C read
To be able to read registers, first the register address must be sent in write mode (slave address 111011X0). Then either a
stop or a repeated start condition must be generated. After this the slave is addressed in read mode (RW = ‘1’) at address
111011X1, after which the slave sends out data from auto-incremented register addresses until a NOACKM and stop
condition occurs. This is depicted in Picture 5, where register 0xF6 and 0xF7 are read.
Start
RW ACKS
ACKS
1
1
1
0
1
1
X
0
1
1
1
1
0
1
1
0
Start
RW ACKS
ACKM
NOACKM Stop
1
1
1
0
1
1
X
1
bit7
bit6
bit5
bit4
bit3
bit2
bit1 bit0
bit7
bit6 bit5 bit4 bit3 bit2 bit1 bit0
Control byte
Data byte
Data byte
Register address (F6h)
S
Slave Address
P
S
Slave Address
Register data - address F7h
Register data - address F6h
Picture 5: I²C multiple byte read



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com