Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BME680 Datasheet(PDF) 44 Page - Bosch Sensortec GmbH

Part # BME680
Description  Low power gas, pressure, temperature & humidity sensor
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BME680 Datasheet(HTML) 44 Page - Bosch Sensortec GmbH

Back Button BME680 Datasheet HTML 40Page - Bosch Sensortec GmbH BME680 Datasheet HTML 41Page - Bosch Sensortec GmbH BME680 Datasheet HTML 42Page - Bosch Sensortec GmbH BME680 Datasheet HTML 43Page - Bosch Sensortec GmbH BME680 Datasheet HTML 44Page - Bosch Sensortec GmbH BME680 Datasheet HTML 45Page - Bosch Sensortec GmbH BME680 Datasheet HTML 46Page - Bosch Sensortec GmbH BME680 Datasheet HTML 47Page - Bosch Sensortec GmbH BME680 Datasheet HTML 48Page - Bosch Sensortec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 53 page
background image
Bosch Sensortec | BME680 Datasheet
44 | 53
Modifications reserved |Data subject not change without notice | Printed in Germany
Document number: BST-BME680-DS001-09 Revision_1.9_022024
7. Pin-out and connection diagram
7.1 Pin-out
The pin numbering of BME680 is performed in the untypical clockwise direction when seen in top view and counter-clockwise
when seen in bottom view. Picture 11 and Table 24 give a detailed description and illustration of the input/output pins.
Picture 11: Top (left) and bottom (right) views of the chip with input/output pins
Table 24: Pin description
Pin
Name
I/O type
Description
Connection
SPI 4W
SPI 3W
I2C
1
GND
Supply
Ground
GND
2
CSB
In
Chip select
CSB
CSB
VDDIO
3
SDI
In/Out
Serial data input
SDI
SDI/SDO
SDA
4
SCK
In
Serial clock input
SCK
SCK
SCL
5
SDO
In/Out
Serial data output
SDO
DNC
GND for
default
address
6
VDDIO
Supply
Digital / Interface supply
VDDIO
7
GND
Supply
Ground
GND
8
VDD
Supply
Analog supply
VDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com