Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BME680 Datasheet(PDF) 49 Page - Bosch Sensortec GmbH

Part # BME680
Description  Low power gas, pressure, temperature & humidity sensor
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BME680 Datasheet(HTML) 49 Page - Bosch Sensortec GmbH

Back Button BME680 Datasheet HTML 45Page - Bosch Sensortec GmbH BME680 Datasheet HTML 46Page - Bosch Sensortec GmbH BME680 Datasheet HTML 47Page - Bosch Sensortec GmbH BME680 Datasheet HTML 48Page - Bosch Sensortec GmbH BME680 Datasheet HTML 49Page - Bosch Sensortec GmbH BME680 Datasheet HTML 50Page - Bosch Sensortec GmbH BME680 Datasheet HTML 51Page - Bosch Sensortec GmbH BME680 Datasheet HTML 52Page - Bosch Sensortec GmbH BME680 Datasheet HTML 53Page - Bosch Sensortec GmbH  
Zoom Inzoom in Zoom Outzoom out
 49 / 53 page
background image
Bosch Sensortec | BME680 Datasheet
49 | 53
Modifications reserved |Data subject not change without notice | Printed in Germany
Document number: BST-BME680-DS001-09 Revision_1.9_022024
7.6 Soldering guidelines and reconditioning recommendations
The moisture sensitivity level of the BME680 sensors corresponds to JEDEC Level 1, see also:
•
IPC/JEDEC J-STD-020C “Joint Industry Standard: Moisture/Reflow Sensitivity Classification for non-hermetic Solid
State Surface Mount Devices”
•
IPC/JEDEC J-STD-033A “Joint Industry Standard: Handling, Packing, Shipping and Use of Moisture/Reflow
Sensitive Surface Mount Devices”
The sensor fulfils the lead-free soldering requirements of the above-mentioned IPC/JEDEC standard, i.e. reflow soldering
with a peak temperature up to 260°C. The minimum height of the solder after reflow shall be at least 50 µm. This is required
for good mechanical decoupling between the sensor device and the printed circuit board (PCB).
Picture 15: Soldering profile
7.7 Mounting and assembly recommendations
This HSMI-document provides all the necessary instructions to handle, solder and mount the environmental sensor BME680.
Following the reported guidelines is very important to prevent the damage of the sensor and the resultant loss of warranty.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com