Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AX88196BLF Datasheet(PDF) 17 Page - ASIX Electronics Corporation

Part # AX88196BLF
Description  Low-pin-count Non-PCI 8/16-bit 10/100M Fast Ethernet Controller with MII Interface
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88196BLF Datasheet(HTML) 17 Page - ASIX Electronics Corporation

Back Button AX88196BLF Datasheet HTML 13Page - ASIX Electronics Corporation AX88196BLF Datasheet HTML 14Page - ASIX Electronics Corporation AX88196BLF Datasheet HTML 15Page - ASIX Electronics Corporation AX88196BLF Datasheet HTML 16Page - ASIX Electronics Corporation AX88196BLF Datasheet HTML 17Page - ASIX Electronics Corporation AX88196BLF Datasheet HTML 18Page - ASIX Electronics Corporation AX88196BLF Datasheet HTML 19Page - ASIX Electronics Corporation AX88196BLF Datasheet HTML 20Page - ASIX Electronics Corporation AX88196BLF Datasheet HTML 21Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 86 page
background image
ASIX ELECTRONICS CORPORATION
17
AX88196BLF
Initialization Of The Buffer Ring
Two static registers and two working registers control the operation of the Buffer Ring. These are the Page Start
Register, Page Stop Register (both described previously), the Current Page Register and the Boundary Pointer
Register. The Current Page Register points to the first buffer used to store a packet and is used to restore the DMA
for writing status to the Buffer Ring or for restoring the DMA address in the event of a Runt packet, a CRC, or
Frame Alignment error. The Boundary Register points to the first packet in the Ring not yet read by the host. If the
local DMA address ever reaches the Boundary, reception is aborted. The Boundary Pointer is also used to initialize
the Remote DMA for removing a packet and is advanced when a packet is removed. A simple analogy to remember
the function of these registers is that the Current Page Register acts as a Write Pointer and the Boundary Pointer acts
as a Read Pointer.
Buffer #1
Buffer #2
Buffer #3
…
…
…
…
Buffer #n
Physical Memory Map
Logic Receive Buffer Ring
Fig - 5 Receive Buffer Ring At Initialization
Beginning Of Reception
When the first packet begins arriving the AX88196B and begins storing the packet at the location pointed to by the
Current Page Register. An offset of 4 bytes is reserved in this first buffer to allow room for storing receives status
corresponding to this packet.
Linking Receive Buffer Pages
If the length of the packet exhausts the first 256 bytes buffer, the DMA performs a forward link to the next buffer to
store the remainder of the packet. For a maximal length packet the buffer logic will link six buffers to store the entire
packet. Buffers cannot be skipped when linking; a packet will always be stored in contiguous buffers. Before the
next buffer can be linked, the Buffer Management Logic performs two comparisons. The first comparison tests for
equality between the DMA address of the next buffer and the contents of the Page Stop Register. If the buffer
address equals the Page Stop Register, the buffer management logic will restore the DMA to the first buffer in the
Receive Buffer Ring value programmed in the Page Start Address Register. The second of comparison test between
the DMA address of the next buffer address and the contents of the Boundary Pointer Register. If the two values are
equal the reception is aborted. The Boundary Pointer Register can be used to protect against overwriting any area in
the receive buffer that has not yet been read. When linking buffers, buffer management will never cross this pointer,
effectively avoiding any overwrites. If the buffer address does not match either the Boundary Pointer or Page Stop
Address, the link to the next buffer is performed.
4000h
8000h
Page Start
Page Stop
1
2
3
4
…
n-2
n-1
n
Boundary Page
Current Page



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com